Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32614A1683 Datasheet(PDF) 6 Page - EPCOS

Part # B32614A1683
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32614A1683 Datasheet(HTML) 6 Page - EPCOS

Back Button B32614A1683 Datasheet HTML 2Page - EPCOS B32614A1683 Datasheet HTML 3Page - EPCOS B32614A1683 Datasheet HTML 4Page - EPCOS B32614A1683 Datasheet HTML 5Page - EPCOS B32614A1683 Datasheet HTML 6Page - EPCOS B32614A1683 Datasheet HTML 7Page - EPCOS B32614A1683 Datasheet HTML 8Page - EPCOS B32614A1683 Datasheet HTML 9Page - EPCOS B32614A1683 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Overview of available types
Lead configurations
Serie
Standard
Reduced
Enlarged
Straight
Double crimped
B32612
15 mm
7.5 / 10 / 12.5 mm
17.5 mm
15 mm
15 mm
B32613
22.5 mm
15 / 17.5 / 20 mm
25 mm
22.5 mm
22.5 mm
B32614
27.5 mm
25 mm
27.5 mm
27.5 mm
Lead spacing 27.5 mm
Type
B32614
Page
11
VR (V DC)
250
400
630
1000
1600
2000
VRMS (V AC)
160
200
250
250
500
700
CR (nF)
10
15
22
33
47
68
100
150
220
470
680
1000
1500
2200
B32612 ... B32614
High pulse (wound)
Page 6 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32614A1683

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32612A1103 TDK-B32612A1103 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A1153 TDK-B32612A1153 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A1472 TDK-B32612A1472 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A1682 TDK-B32612A1682 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A2102 TDK-B32612A2102 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32614A1683

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com