Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A364-CTUT Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT32UC3A364-CTUT
Description  32-bit AVR짰Microcontroller
Download  1014 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A364-CTUT Datasheet(HTML) 4 Page - ATMEL Corporation

  AT32UC3A364-CTUT Datasheet HTML 1Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 2Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 3Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 4Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 5Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A364-CTUT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 1014 page
background image
4
32072C–AVR32–2010/03
AT32UC3A3/A4
2.
Overview
2.1
Block Diagram
Figure 2-1.
Block Diagram
AVR32 UC
CPU
NEXUS
CLASS 2+
OCD
INSTR
INTERFACE
DATA
INTERFACE
TIMER/COUNTER
0/1
INTERRUPT
CONTROLLER
REAL TIME
COUNTER
PERIPHERAL
DMA
CONTROLLER
256/128/64
KB
FLASH
HSB-PB
BRIDGE B
HSB-PB
BRIDGE A
S
MM
M
M
M
S
S
S
S
S
M
EXTERNAL
INTERRUPT
CONTROLLER
HIGH SPEED
BUS MATRIX
FAST GPIO
64 KB
SRAM
PA
PB
PC
PX
A[2..0]
B[2..0]
CLK[2..0]
EXTINT[7..0]
SCAN[7..0]
NMI
GCLK[3..0]
XIN32
XOUT32
XIN0
XOUT0
PA
PB
PC
PX
RESET_N
CAS
RAS
SDA10
SDCK
SDCKE
SDWE
NCS[5..0]
NRD
NWAIT
NWE0
DATA[15..0]
USB HS
INTERFACE
DMA
ID
VBOF
DMFS, DMHS
32 KHz
OSC
115 kHz
RCSYS
OSC0
PLL0
USART3
SERIAL
PERIPHERAL
INTERFACE 0/1
TWO-WIRE
INTERFACE 0/1
RXD
TXD
CLK
MISO, MOSI
NPCS[3..1]
TWCK
TWD
USART1
RXD
TXD
CLK
RTS, CTS
DSR, DTR, DCD, RI
USART0
USART2
RXD
TXD
CLK
RTS, CTS
SYNCHRONOUS
SERIAL
CONTROLLER
TX_CLOCK, TX_FRAME_SYNC
RX_DATA
TX_DATA
RX_CLOCK, RX_FRAME_SYNC
ANALOG TO
DIGITAL
CONVERTER
AD[7..0]
WATCHDOG
TIMER
XIN1
XOUT1
OSC1
PLL1
SPCK
JTAG
INTERFACE
MCKO
MDO[5..0]
MSEO[1..0]
EVTI_N
EVTO_N
TCK
TDO
TDI
TMS
POWER
MANAGER
RESET
CONTROLLER
ADDR[23..0]
SLEEP
CONTROLLER
CLOCK
CONTROLLER
CLOCK
GENERATOR
CONFIGURATION
REGISTERS BUS
MEMORY PROTECTION UNIT
PB
PB
HSB
HSB
NWE1
NWE3
NPCS0
LOCAL BUS
INTERFACE
AUDIO
BITSTREAM
DAC
DATA[1..0]
DATAN[1..0]
M
MULTIMEDIA CARD
& MEMORY STICK
INTERFACE
CLK
CMD[1..0]
DATA[15..0]
S
AES
CFCE1
CFCE2
CFRW
NANDOE
NANDWE
32KB RAM
32KB RAM
DPFS, DPHS
USB_VBIAS
USB_VBUS
S
S
VDDIN
VDDCORE
GNDCORE
DMACA
1V8
Regulator
TWALM


Similar Part No. - AT32UC3A364-CTUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A364-CTUT ATMEL-AT32UC3A364-CTUT Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32UC3A364-CTUT ATMEL-AT32UC3A364-CTUT Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A364-CTUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_10 Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_10 Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com