Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6324AIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6324AIRZ
Description  Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6324AIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6324AIRZ Datasheet HTML 1Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
®
FN6880.0
ISL6324A
Hybrid SVI/PVI with I2C
Monolithic Dual PWM Hybrid Controller
Powering AMD SVI Split-Plane and PVI
Uniplane Processors
The ISL6324A dual PWM controller delivers high efficiency
and tight regulation from two synchronous buck DC/DC
converters. The ISL6324A supports hybrid power control of
AMD processors which operate from either a 6-bit parallel
VID interface (PVI) or a serial VID interface (SVI). The dual
output ISL6324A features a multi-phase controller to support
uniplane VDD core voltage and a single phase controller to
power the Northbridge (VDDNB) in SVI mode. Only the
multi-phase controller is active in PVI mode to support
uniplane VDD only processors.
A precision uniplane core voltage regulation system is provided
by a 2-to-4-phase PWM voltage regulator (VR) controller. The
integration of two power MOSFET drivers, adding flexibility in
layout, reduce the number of external components in the multi-
phase section. A single phase PWM controller with integrated
driver provides a second precision voltage regulation system
for the North Bridge portion of the processor. This monolithic,
dual controller with integrated driver solution provides a cost
and space saving power management solution.
For applications which benefit from load line programming to
reduce bulk output capacitors, the ISL6324A features output
voltage droop. The multi-phase portion also includes
advanced control loop features for optimal transient response
to load application and removal. One of these features is
highly accurate, fully differential, continuous DCR current
sensing for load line programming and channel current
balance. Dual edge modulation is another unique feature,
allowing for quicker initial response to high di/dt load
transients.
The ISL6324A supports Power Savings Mode by dropping
phases when the PSI_L bit is set. The number of phases
that the ISL6324A will drop to is programmable through an
I2C interface. The number of PWM cycles between both
dropping phases when entering Power Savings Mode and
adding phases when exiting Power Savings Mode is also
programmable through the I2C interface.
The ISL6324A I2C interface also allows independent
programmable output voltage offset for both the Core and
North Bridge regulators. The I2C interface can also be used
to set the PGOOD and OVP trip levels for both regulators as
well.
Features
Processor Core Voltage Regulator Features
• Configuration Flexibility
- 2-Phase Operation with Internal Drivers
- 3- or 4-Phase Operation with External PWM Drivers
• Parallel VID (6-bit) Interface Inputs for PVI Mode
• PSI_L Support via Phase Shedding
• Differential Remote Voltage Sensing
• Optimal Processor Core Voltage Transient Response
- Adaptive Phase Alignment (APA)
- Active Pulse Positioning Modulation
Processor Core Voltage Regulator and North Bridge
Voltage Regulator Shared Features
• Precision Voltage Regulation: ±0.5% System Accuracy
Over-Temperature
• Two Wire, AMD Compliant Serial VID Interface Inputs for
SVI Mode
•I2C Interface
- Voltage Margining, OVP and PGOOD Trip Levels
- Enhanced PSI_L State Control
• Fully Differential, Continuous DCR Current Sensing
- Accurate Load Line Programming
- Precision Channel Current Balancing for Core
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Variable Gate Drive Bias: 5V to 12V
• Simultaneous Digital Soft-Start of Both Outputs
• Selectable Switching Frequency up to 1MHz
• Pb-Free (RoHS Compliant)
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6324ACRZ* ISL6324A CRZ
0 to +70
48 Ld 7x7 QFN L48.7x7
ISL6324AIRZ*
ISL6324A IRZ
-40 to +85 48 Ld 7x7 QFN L48.7x7
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
March 23, 2009


Similar Part No. - ISL6324AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6324AIRZ INTERSIL-ISL6324AIRZ Datasheet
870Kb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6324AIRZ RENESAS-ISL6324AIRZ Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
More results

Similar Description - ISL6324AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
logo
Intersil Corporation
ISL6324A INTERSIL-ISL6324A Datasheet
870Kb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323A RENESAS-ISL6323A Datasheet
1Mb / 37P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
ISL6324 RENESAS-ISL6324 Datasheet
1Mb / 38P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
ISL6324A RENESAS-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
logo
Intersil Corporation
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
Renesas Technology Corp
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com