Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3B1256-AUR Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT32UC3B1256-AUR
Description  32-bit AVR짰 Microcontroller
Download  676 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B1256-AUR Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT32UC3B1256-AUR Datasheet HTML 5Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 6Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 7Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 8Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 9Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 10Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 11Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 12Page - ATMEL Corporation AT32UC3B1256-AUR Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 676 page
background image
9
32059I–06/2010
AT32UC3B
4.2.2
JTAG Port Connections
If the JTAG is enabled, the JTAG will take control over a number of pins, irrespective of the I/O
Controller configuration.
4.2.3
Nexus OCD AUX port connections
If the OCD trace system is enabled, the trace system will take control over a number of pins, irre-
spectively of the PIO configuration. Two different OCD trace pin mappings are possible,
depending on the configuration of the OCD AXS register. For details, see the AVR32 UCTechni-
cal Reference Manual.
4.2.4
Oscillator Pinout
The oscillators are not mapped to the normal A, B or C functions and their muxings are con-
trolled by registers in the Power Manager (PM). Please refer to the power manager chapter for
more information about this.
55
PB09
GPIO 41
SSC - TX_CLOCK
USART1 - RI
EIC - SCAN[7]
ABDAC - DATAN[1]
57
PB10
GPIO 42
SSC - TX_DATA
TC - A2
USART0 - RXD
58
PB11
GPIO 43
SSC -
TX_FRAME_SYNC
TC - B2
USART0 - TXD
Table 4-1.
GPIO Controller Function Multiplexing
Table 4-2.
JTAG Pinout
64QFP/QFN
48QFP/QFN
Pin name
JTAG pin
22
TCK
TCK
33
PA00
TDI
44
PA01
TDO
55
PA02
TMS
Table 4-3.
Nexus OCD AUX port connections
Pin
AXS=0
AXS=1
EVTI_N
PB05
PA14
MDO[5]
PB04
PA08
MDO[4]
PB03
PA07
MDO[3]
PB02
PA06
MDO[2]
PB01
PA05
MDO[1]
PB00
PA04
MDO[0]
PA31
PA03
EVTO_N
PA15
PA15
MCKO
PA30
PA13
MSEO[1]
PB06
PA09
MSEO[0]
PB07
PA10


Similar Part No. - AT32UC3B1256-AUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B1256-AUR ATMEL-AT32UC3B1256-AUR Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B1256-AUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_2 Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_11 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_11 Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
QT1110 ATMEL-QT1110 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATMEGA261 ATMEL-ATMEGA261_10 Datasheet
4Mb / 226P
   High Performance, Low Power AVR짰 8-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com