Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32672L8102 Datasheet(PDF) 10 Page - EPCOS

Part # B32672L8102
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672L8102 Datasheet(HTML) 10 Page - EPCOS

Back Button B32672L8102 Datasheet HTML 6Page - EPCOS B32672L8102 Datasheet HTML 7Page - EPCOS B32672L8102 Datasheet HTML 8Page - EPCOS B32672L8102 Datasheet HTML 9Page - EPCOS B32672L8102 Datasheet HTML 10Page - EPCOS B32672L8102 Datasheet HTML 11Page - EPCOS B32672L8102 Datasheet HTML 12Page - EPCOS B32672L8102 Datasheet HTML 13Page - EPCOS B32672L8102 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
dV/dt values
Lead spacing 15 mm
Type
B32672L
VRMS (V AC)
160
200
250
500
600
700
VR (V DC)
250
420
630
1000
1000
1600
2000
CR (nF)
dV/dt in V/
µs
1.0
10 000
1.2
9 400
1.5
9 000
2.2
7 500
2.7
7 100
3.3
6 800
3.9
6 000
4.1
5 700
4.7
5 500
5.6
5 000
6.2
3 600
4 700
6.8
1 000
3 500
4 500
8.2
3 100
4 200
10
445
1 000
2 800
3 900
12
2 600
3 600
15
445
2 300
3 300
22
445
1 000
2 000
2 900
33
300
445
1 000
1 700
47
300
445
1 000
56
68
200
300
445
100
200
300
445
150
170
200
300
220
170
200
300
330
170
200
470
170
200
680
170
200
1000
170
B32671L ... B32672L
High V AC, high temperature (wound)
Page 10 of 31
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L8102

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L8102 EPCOS-B32672L8102 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32672L8102 TDK-B32672L8102 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
logo
EPCOS
B32672L8102189 EPCOS-B32672L8102189 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32672L8102289 EPCOS-B32672L8102289 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32672L8102

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com