Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21060CFH641Z-TK Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL21060CFH641Z-TK
Description  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060CFH641Z-TK Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL21060CFH641Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 13Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN6706.3
December 16, 2008
Typical Performance Curves (ISL21060-41) (R
EXT = 100kΩ)
FIGURE 17. VOUT vs TEMPERATURE, 3 UNITS
FIGURE 18. IIN vs VIN, 3 TEMPERATURES
FIGURE 19. IIN vs VIN[SLEEP MODE], 3 TEMPERATURES
FIGURE 20. IIN vs VENABLE, 3 TEMPERATURES
FIGURE 21. LOAD REGULATION
FIGURE 22. LINE REGULATION OVER-TEMPERATURE
4.092
4.093
4.094
4.095
4.096
4.097
4.098
4.099
4.100
-40
10
60
110
TEMPERATURE (°C)
UNIT 2
UNIT 1
UNIT 3
15
16
17
18
19
20
21
22
23
24
25
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
UNIT 3
UNIT 1
UNIT 2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
04
6
VIN (V)
2
+125°C
+25°C
-40°C
0
10
20
30
40
50
60
70
80
90
100
04
VENABLE (V)
26
+125°C
+25°C
-40°C
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-12
-10
-8
-6
-4
-2
0
2
4
6
LOAD CURRENT (mA)
-40°C
+25°C
+125°C
-175
-125
-75
-25
25
75
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
VIN (V)
-40°C
+25°C
+125°C
ISL21060


Similar Part No. - ISL21060CFH641Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060CFH641Z-TK INTERSIL-ISL21060CFH641Z-TK Datasheet
2Mb / 20P
   Precision Reference with Disable
logo
Renesas Technology Corp
ISL21060CFH641Z-TK RENESAS-ISL21060CFH641Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Similar Description - ISL21060CFH641Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com