Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6236AIRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6236AIRZ-T
Description  High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6236AIRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6236AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
FN6453.0
March 14, 2007
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFIN2 Input Voltage
OUT2 Dynamic Range, VOUT2 = VREFIN2
0.5
2.50
V
Fixed OUT2 = 1.05V
3.0
VCC - 1.1
V
Fixed OUT2 = 3.3V
VCC - 1.0
V
LDOREFIN Input Voltage
Fixed LDO = 5V
0.30
V
LDO Dynamic Range, VLDO = 2 x VLDOREFIN
0.35
2.25
V
Fixed LDO = 3.3V
VCC - 1.0
V
SKIP# Input Voltage
Low level (SKIP)
0.8
V
Float level (ULTRASONIC SKIP)
1.7
2.3
V
High level (PWM)
2.4
V
TON Input Voltage
Low level
0.8
V
Float level
1.7
2.3
V
High level
2.4
V
EN1, EN2 Input Voltage
Clear fault level/SMPS off level
0.8
V
Delay start level
1.7
2.3
V
SMPS on level
2.4
V
EN LDO Input Voltage
Rising edge
1.2
1.6
2.0
V
Falling edge
0.94
1.00
1.06
V
Input Leakage Current
VtON = 0V or 5V
-1
+1
µA
VEN = VEN LDO = 0V or 5V
-0.1
+0.1
µA
VSKIP# = 0V or 5V
-1
+1
µA
VFB1 = VSECFB = 0V or 5V
-0.2
+0.2
µA
VREFIN = 0V or 2.5V
-0.2
+0.2
µA
VLDOREFIN = 0V or 2.75V
-0.2
+0.2
µA
INTERNAL BOOT DIODE
VD Forward Voltage
PVCC - VBOOT, IF = 10mA
0.65
0.8
V
IBOOT LEAKAGE Leakage Current
VBOOT = 30V, PHASE = 25V, PVCC = 5V
500
nA
MOSFET DRIVERS
UGATE Gate-Driver Sink/Source Current
UGATE1, UGATE2 forced to 2V
2
A
LGATE Gate-Driver Source Current
LGATE1 (source), LGATE2 (source), forced to 2V
1.7
A
LGATE Gate-Driver Sink Current
LGATE1 (sink), LGATE2 (sink), forced to 2V
3.3
A
UGATE Gate-Driver On-Resistance
BOOT_ - PHASE_ forced to 5V, Guaranteed by design
1.5
4.0
Ω
LGATE Gate-Driver On-Resistance
LGATE, high state (pull-up), Guaranteed by design
2.2
5.0
Ω
LGATE, low state (pull-down), Guaranteed by design
0.6
1.5
Ω
Dead Time
LGATE Rising
15
20
35
ns
UGATE Rising
20
30
50
ns
OUT1, OUT2 Discharge On Resistance
25
40
Ω
Electrical Specifications
No load on LDO, OUT1, OUT2, VREF3, and REF, VIN = 12V, EN2 = EN1 = VCC, VBYP = 5V, PVCC = 5V,
VEN_LDO = 5V, TA = -40°C to +100°C, unless otherwise noted. Typical values are at TA = +25°C. (Continued)
ISL6236A


Similar Part No. - ISL6236AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6236AIRZ-T RENESAS-ISL6236AIRZ-T Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - ISL6236AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com