Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32774 Datasheet(PDF) 7 Page - EPCOS

Part # B32774
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774 Datasheet(HTML) 7 Page - EPCOS

Back Button B32774 Datasheet HTML 3Page - EPCOS B32774 Datasheet HTML 4Page - EPCOS B32774 Datasheet HTML 5Page - EPCOS B32774 Datasheet HTML 6Page - EPCOS B32774 Datasheet HTML 7Page - EPCOS B32774 Datasheet HTML 8Page - EPCOS B32774 Datasheet HTML 9Page - EPCOS B32774 Datasheet HTML 10Page - EPCOS B32774 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Ordering codes and packing units (lead spacing 52.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
75
30.0
× 45.0 × 57.5 20.3 B32778G4756+000 16.0
15.5
5.5
280
80
30.0
× 45.0 × 57.5 20.3 B32778G4806+000 16.5
16.0
5.0
280
100
35.0
× 50.0 × 57.5 20.3 B32778G4107+000 18.0
18.0
4.0
108
110
35.0
× 50.0 × 57.5 20.3 B32778G4117+000 19.0
19.0
4.0
108
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
45
30.0
× 45.0 × 57.5 20.3 B32778G8456+000 16.0
15.0
3.0
280
55
35.0
× 50.0 × 57.5 20.3 B32778G8556+000 17.0
16.0
3.5
108
60
35.0
× 50.0 × 57.5 20.3 B32778G8606+000 19.0
18.0
3.0
108
VR,70 °C = 1100 V DC, Vop,85 °C = 920 V DC
30
30.0
× 45.0 × 57.5 20.3 B32778G0306+000 16.0
14.0
4.0
280
40
35.0
× 50.0 × 57.5 20.3 B32778G0406+000 20.0
20.0
3.5
108
VR,70 °C = 1300 V DC, Vop,85 °C = 1100 V DC
20
30.0
× 45.0 × 57.5 20.3 B32778G1206+000 14.0
13.0
5.5
280
25
35.0
× 50.0 × 57.5 20.3 B32778G1256+000 17.0
16.0
4.5
108
27
35.0
× 50.0 × 57.5 20.3 B32778G1276+000 17.5
16.0
4.0
108
B32778
MKP DC link
high density series
Page 7 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32774

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32774 EPCOS-B32774 Datasheet
308Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774 EPCOS-B32774 Datasheet
308Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774 EPCOS-B32774 Datasheet
308Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774 EPCOS-B32774 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774 EPCOS-B32774 Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32774

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com