Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ340 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SJ340
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ340 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SJ340 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ340 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ340 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ340 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
Ordering number:ENN6420
2SJ340
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
80700TS (KOTO) TA-2165 No.6420–1/4
10.2
0.8
1.2
4.5
1.3
0.4
2.55
2.55
12
3
10.2
1.2
2.55
2.55
2.55
2.55
4.5
0 to 0.3
0.4
1.3
0.8
12
3
Package Dimensions
unit:mm
2093A
[2SJ340]
Features
· Low ON-resistance.
· Ultrahigh-speed switching.
· 4V drive.
· Enables simplified fabrication, high-density mount-
ing, and miniaturization in end products due to the
surface mountable package.
unit:mm
2090A
[2SJ340]
1 : Gate
2 : Drain
3 : Source
SANYO : SMP
1 : Gate
2 : Drain
3 : Source
SANYO : SMP-FD


Similar Part No. - 2SJ340

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ342 TOSHIBA-2SJ342 Datasheet
198Kb / 4P
   P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SJ342 TOSHIBA-2SJ342 Datasheet
570Kb / 5P
   High Speed Switching, Analog Switch Applications
2SJ342 TOSHIBA-2SJ342_07 Datasheet
570Kb / 5P
   High Speed Switching, Analog Switch Applications
2SJ343 TOSHIBA-2SJ343 Datasheet
200Kb / 4P
   P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANAROG SWITCH APPLICATIONS)
2SJ343 TOSHIBA-2SJ343 Datasheet
606Kb / 5P
   High Speed Switching Applications
More results

Similar Description - 2SJ340

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com