Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32672L4684 Datasheet(PDF) 11 Page - EPCOS

Part # B32672L4684
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672L4684 Datasheet(HTML) 11 Page - EPCOS

Back Button B32672L4684 Datasheet HTML 7Page - EPCOS B32672L4684 Datasheet HTML 8Page - EPCOS B32672L4684 Datasheet HTML 9Page - EPCOS B32672L4684 Datasheet HTML 10Page - EPCOS B32672L4684 Datasheet HTML 11Page - EPCOS B32672L4684 Datasheet HTML 12Page - EPCOS B32672L4684 Datasheet HTML 13Page - EPCOS B32672L4684 Datasheet HTML 14Page - EPCOS B32672L4684 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
k0 values
Lead spacing 10 mm
Type
B32671L
VRMS (V AC)
200
250
500
600
VR (V DC)
400
630
1000
1000
1600
CR (nF)
k0 in V2/
µs
1.2
14 400 000
1.5
14 000 000
2.2
13 800 000
2.7
13 600 000
3.3
16 000 000
13 300 000
3.9
13 600 000
13 100 000
4.1
12 300 000
13 000 000
4.7
400 000
9 900 000
5.6
8 400 000
6.2
7 700 000
6.8
400 000
7 400 000
8.2
7 200 000
10
400 000
7 000 000
12
6 400 000
15
200 000
400 000
22
150 000
200 000
400 000
33
150 000
200 000
47
150 000
200 000
56
200 000
68
150 000
100
150 000
B32671L ... B32672L
High V AC, high temperature (wound)
Page 11 of 31
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L4684

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L4684 EPCOS-B32672L4684 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32672L4684

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com