Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6815BM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # U6815BM
Description  Dual Hex DMOS Output Driver with Serial Input Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6815BM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button U6815BM Datasheet HTML 6Page - ATMEL Corporation U6815BM Datasheet HTML 7Page - ATMEL Corporation U6815BM Datasheet HTML 8Page - ATMEL Corporation U6815BM Datasheet HTML 9Page - ATMEL Corporation U6815BM Datasheet HTML 10Page - ATMEL Corporation U6815BM Datasheet HTML 11Page - ATMEL Corporation U6815BM Datasheet HTML 12Page - ATMEL Corporation U6815BM Datasheet HTML 13Page - ATMEL Corporation U6815BM Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
4545D–BCD–04/09
U6815BM
Serial Interface - Logic Inputs (DI, CLK, CS)
Input voltage low level threshold
Pins 24 to 26
V
IL
0.3
×
V
VCC
V
Input voltage high level threshold
Pins 24 to 26
VIH
0.7
×
V
VCC
V
Hysteresis of input voltage
Pins 24 to 26
ΔV
I
50
500
mV
Pull-down current, Pins DI and CLK
V
DI, VCLK = VVCC, pins 25, 26
I
PDSI
250
µA
Pull-up current Pin CS
V
CS= 0V, pin 24
I
PUSI
–50
–2
µA
Serial Interface - Logic Output (DO)
Output voltage low level
I
OL = 3 mA, pin 18
V
DOL
0.5
V
Output voltage high level
I
OL = –2 mA, pin 18
V
DOH
V
VCC
1V
V
Leakage current (tristate)
VCS = VVCC, 0V < VDO < VVCC, pin 18
IDO
–10
10
mA
12. Electrical Characteristics (Continued)
7.5V < VVS < 40V; 4.5V < VVCC < 5.5V; INH = High; –40°C < Tj < 150°C; unless otherwise specified, all values refer to GND pins.
Parameters
Test Conditions/Pins
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. Only valid for version U6815BM-N.
2. Delay time between rising edge of CS after data transmission and switch-on output stages to 90% of final level.
13. Serial Interface – Timing
Parameters
Test Conditions
Timing Chart No.(1)
Symbol
Min.
Typ.
Max.
Unit
DO enable after CS
falling edge
C
DO = 100 pF
1
t
ENDO
200
ns
DO disable after CS
rising edge
CDO = 100 pF
2
tDISDO
200
ns
DO fall time
C
DO = 100 pF
t
DOf
100
ns
DO rise time
C
DO = 100 pF
t
DOr
100
ns
DO valid time
C
DO = 100 pF
10
t
DOVal
200
ns
CS setup time
4
t
CSSethl
225
ns
CS setup time
V
DO < 0.2 × VVCC
8t
CSSetlh
225
ns
CS high time
Input register,
Bit 14 (SCT) = high
9tCSh
140
ns
Input register,
Bit 14 (SCT) = low
9t
CSh
17.5
ns
CLK high time
5
tCLKh
225
ns
CLK low time
6
tCLKl
225
ns
CLK period time
tCLKp
500
ns
CLK setup time
7
tCLKSethl
225
ns
CLK setup time
3
tCLKSetlh
225
ns
DI setup time
11
t
DIset
40
ns
DI hold time
12
t
DIHold
40
ns
Note:
1. see Figure 13-1 on page 11


Similar Part No. - U6815BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6815BM ATMEL-U6815BM Datasheet
275Kb / 14P
   Dual Hex DMOS Output Driver with Serial input Control
U6815BM ATMEL-U6815BM Datasheet
328Kb / 14P
   Dual Hex DMOS Output Driver with Serial Input Control
U6815BM-NFL ATMEL-U6815BM-NFL Datasheet
275Kb / 14P
   Dual Hex DMOS Output Driver with Serial input Control
U6815BM-NFLG3 ATMEL-U6815BM-NFLG3 Datasheet
275Kb / 14P
   Dual Hex DMOS Output Driver with Serial input Control
U6815BM-NFLG3Y ATMEL-U6815BM-NFLG3Y Datasheet
328Kb / 14P
   Dual Hex DMOS Output Driver with Serial Input Control
More results

Similar Description - U6815BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6815BM ATMEL-U6815BM Datasheet
275Kb / 14P
   Dual Hex DMOS Output Driver with Serial input Control
U6815BM ATMEL-U6815BM_05 Datasheet
328Kb / 14P
   Dual Hex DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6816 ATMEL-T6816_05 Datasheet
308Kb / 16P
   40-V Dual Hex Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com