Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32796G8156 Datasheet(PDF) 5 Page - EPCOS

Part # B32796G8156
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32796G8156 Datasheet(HTML) 5 Page - EPCOS

  B32796G8156 Datasheet HTML 1Page - EPCOS B32796G8156 Datasheet HTML 2Page - EPCOS B32796G8156 Datasheet HTML 3Page - EPCOS B32796G8156 Datasheet HTML 4Page - EPCOS B32796G8156 Datasheet HTML 5Page - EPCOS B32796G8156 Datasheet HTML 6Page - EPCOS B32796G8156 Datasheet HTML 7Page - EPCOS B32796G8156 Datasheet HTML 8Page - EPCOS B32796G8156 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
VRMS
V AC
VR
V DC
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS
60
°C
10 kHz
A
ESL
nH
ESR
10 kHz
m
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
250
630 22
20.0
× 39.5 × 42.0 10.2 B32796G2226+000 15
30
3.2
640
22
20.0
× 39.5 × 42.0
B32796E2226+000 14
30
3.2
640
25
28.0
× 37.0 × 42.0 10.2 B32796G2256+000 17
30
2.9
440
25
28.0
× 37.0 × 42.0
B32796E2256+000 16
30
2.9
440
40
30.0
× 45.0 × 42.0 20.3 B32796G2406+000 21
33
2.3
400
40
30.0
× 45.0 × 42.0
B32796E2406+000 20
33
2.3
400
45
33.0
× 48.0 × 42.5 20.3 B32796G2456+000 23
33
1.9
192
300
700 16
20.0
× 39.5 × 42.0 10.2 B32796G3166+000 14
30
3.9
640
16
20.0
× 39.5 × 42.0
B32796E3166+000 13
30
3.9
640
20
28.0
× 37.0 × 42.0 10.2 B32796G3206+000 15
30
3.1
440
20
28.0
× 37.0 × 42.0
B32796E3206+000 14
30
3.1
440
30
30.0
× 45.0 × 42.0 20.3 B32796G3306+000 19
33
2.2
400
30
30.0
× 45.0 × 42.0
B32796E3306+000 18
33
2.2
400
34
33.0
× 48.0 × 42.5 20.3 B32796E3346+000 20
33
1.9
192
350
875 10
20.0
× 39.5 × 42.0 10.2 B32796G8106+000 12
30
4.9
640
10
20.0
× 39.5 × 42.0
B32796E8106+000 11
30
4.9
640
14
28.0
× 37.0 × 42.0 10.2 B32796G8146+000 15
30
3.6
440
14
28.0
× 37.0 × 42.0
B32796E8146+000 14
30
3.6
440
15
30.0
× 45.0 × 42.0 20.3 B32796G8156+000 15
30
3.0
400
20
30.0
× 45.0 × 42.0 20.3 B32796G8206+000 19
30
2.6
400
20
30.0
× 45.0 × 42.0
B32796E8206+000 18
30
2.6
400
24
33.0
× 48.0 × 42.5 20.3 B32796G8246+000 20
30
2.5
192
400
1050
7.5
20.0
× 39.5 × 42.0 10.2 B32796G4755+000 11
30
5.5
640
7.5
20.0
× 39.5 × 42.0
B32796E4755+000 10
30
5.5
640
10
28.0
× 37.0 × 42.0 10.2 B32796G4106+000 14
30
4.5
440
10
28.0
× 37.0 × 42.0
B32796E4106+000 13
30
4.5
440
13
30.0
× 45.0 × 42.0 20.3 B32796G4136+000 17
33
3.5
400
13
30.0
× 45.0 × 42.0
B32796E4136+000 16
33
3.5
400
16
33.0
× 48.0 × 42.5 20.3 B32796G4166+000 18
33
3.5
192
B32796
MKP AC filtering
Preliminary Data
Page 5 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32796G8156

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32796G8156+000 EPCOS-B32796G8156+000 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32796G8156

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com