Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5753 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T5753
Description  UHF ASK/FSK Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5753 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T5753 Datasheet HTML 5Page - ATMEL Corporation T5753 Datasheet HTML 6Page - ATMEL Corporation T5753 Datasheet HTML 7Page - ATMEL Corporation T5753 Datasheet HTML 8Page - ATMEL Corporation T5753 Datasheet HTML 9Page - ATMEL Corporation T5753 Datasheet HTML 10Page - ATMEL Corporation T5753 Datasheet HTML 11Page - ATMEL Corporation T5753 Datasheet HTML 12Page - ATMEL Corporation T5753 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
4510J–RKE–12/08
T5753
Figure 4-5.
ESD Protection Circuit
CLK
VS
GND
PA_ENABLE
XTAL
ANT2
ENABLE
ANT1
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Minimum
Maximum
Unit
Supply voltage
V
S
5V
Power dissipation
P
tot
100
mW
Junction temperature
T
j
150
°C
Storage temperature
T
stg
–55
125
°C
Ambient temperature
T
amb
–55
125
°C
Input voltage
VmaxPA_ENABLE
–0.3
(VS + 0.3)
(1)
V
Note:
1. If V
S + 0.3 is higher than 3.7V, the maximum voltage will be reduced to 3.7V.
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
170
K/W
7.
Electrical Characteristics
V
S = 2.0V to 4.0V, Tamb = –40°C to 125°C unless otherwise specified.
Typical values are given at VS = 3.0V and Tamb = 25°C. All parameters are referred to GND (pin 7).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Power down,
VENABLE < 0.25 V, -40°C to 85°C
V
PA-ENABLE < 0.25 V, -40°C to +125°C
VPA-ENABLE < 0.25 V, 25°C
(100% correlation tested)
I
S_Off
<10
350
7
nA
µA
nA
Supply current
Power up, PA off, VS = 3 V,
V
ENABLE >1.7 V, VPA-ENABLE <0.25V
IS
3.7
4.8
mA
Supply current
Power up, V
S = 3.0 V,
VENABLE >1.7 V, VPA-ENABLE >1.7 V
I
S_Transmit
911.6
mA
Output power
VS =3.0V, Tamb = 25°C,
f = 315 MHz, Z
Load = (255 + j192)W
P
Ref
6.0
8.0
10.5
dBm
Note:
1. If VS is higher than 3.6V, the maximum voltage will be reduced to 3.6V.


Similar Part No. - T5753

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
T5753-6APJ ATMEL-T5753-6APJ Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
T5753-6AQ ATMEL-T5753-6AQ Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5753-6AQJ ATMEL-T5753-6AQJ Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
More results

Similar Description - T5753

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com