Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28213FBZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28213FBZ-T13
Description  Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28213FBZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28213FBZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL28213FBZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Single, Dual, Quad General Purpose Micropower,
RRIO Operational Amplifier
ISL28113, ISL28213, ISL28413
The ISL28113, ISL28213, and ISL28413 are single,
dual, and quad channel general purpose micropower,
rail-to-rail input and output operational amplifiers with
supply voltage range of 1.8V to 5.5V. Key features are
a low supply current of 130µA maximum per channel
at room temperature, a low bias current and a wide
input voltage range, which enables the ISL28x13
devices to be excellent general purpose op-amps for a
wide range of applications.
The ISL28113 is available in the SC70-5 and SOT23-5
packages, the ISL28213 is in the MSOP8, SOIC8,
SOT23-8 packages, and the ISL28413 is in the TSSOP14,
SOIC14 packages. All devices operate over the extended
temperature range of -40°C to +125°C.
Features
• Low Current Consumption . . . . . . . . . . . . . . 130µA
• Wide Supply Range. . . . . . . . . . . . . . . 1.8V to 5.5V
• Gain Bandwidth Product . . . . . . . . . . . . . . . . 2MHz
• Input Bias Current . . . . . . . . . . . . . . . . 20pA, Max.
• Operating Temperature Range . . . .-40°C to +125°C
•Packages
- ISL28113 (Single) . . . . . . . . . . SC70-5, SOT23-5
- ISL28213 (Dual) . . . . . . MSOP8, SOIC8, SOT23-8
- ISL28413 (Quad). . . . . . . . . . . SOIC14, TSSOP14
Applications*(see page 15)
• Power Supply Control/Regulation
• Process Control
• Signal Gain/Buffers
• Active Filters
• Current Shunt Sensing
•Trans-impedance Amps
Related Literature*(see page 15)
•See AN1519 for “ISL28213/14SOICEVAL2Z
Evaluation Board User’s Guide”
•See AN1520 for “ISL28113/14SOT23EVAL1Z
Evaluation Board User’s Guide”
•See AN1542 for “ISL28213/14MSOPEVAL2Z
Evaluation Board User’s Guide”
Typical Application
IN-
IN+
RF
RREF+
ISL28x13
+5V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
SINGLE-SUPPLY, LOW-SIDE CURRENT SENSE AMPLIFIER
GAIN = 10
March 25, 2010
FN6728.4


Similar Part No. - ISL28213FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28213FBZ-T13 INTERSIL-ISL28213FBZ-T13 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28213FBZ-T13 INTERSIL-ISL28213FBZ-T13 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28213FBZ-T13 RENESAS-ISL28213FBZ-T13 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results

Similar Description - ISL28213FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com