Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62881B Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL62881B
Description  Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62881B Datasheet(HTML) 1 Page - Intersil Corporation

  ISL62881B Datasheet HTML 1Page - Intersil Corporation ISL62881B Datasheet HTML 2Page - Intersil Corporation ISL62881B Datasheet HTML 3Page - Intersil Corporation ISL62881B Datasheet HTML 4Page - Intersil Corporation ISL62881B Datasheet HTML 5Page - Intersil Corporation ISL62881B Datasheet HTML 6Page - Intersil Corporation ISL62881B Datasheet HTML 7Page - Intersil Corporation ISL62881B Datasheet HTML 8Page - Intersil Corporation ISL62881B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Single-Phase PWM Regulator for IMVP-6.5Mobile
CPUs and GPUs
ISL62881, ISL62881B
The ISL62881 is a single-phase PWM buck regulator for
miroprocessor or graphics processor core power supply.
It uses an integrated gate drivers to provide a complete
solution. The PWM modulator of ISL62881 is based on
Intersil's Robust Ripple Regulator (R3) technology™.
Compared with traditional modulators, the R3™
modulator commands variable switching frequency
during load transients, achieving faster transient
response. With the same modulator, the switching
frequency is reduced at light load, increasing the
regulator efficiency.
The ISL62881 can be configured as CPU or graphics
Vcore controller and is fully compliant with IMVP-6.5
specifications. It responds to DPRSLPVR signals by
entering/exiting diode emulation mode. It reports the
regulator output current through the IMON pin. It senses
the current by using either discrete resistor or inductor
DCR whose variation over-temperature can be thermally
compensated by a single NTC thermistor. It uses
differential remote voltage sensing to accurately regulate
the processor die voltage. The adaptive body diode
conduction time reduction function minimizes the body
diode conduction loss in diode emulation mode.
User-selectable overshoot reduction function offers an
option to aggressively reduce the output capacitors as
well as the option to disable it for users concerned about
increased system thermal stress.
Maintaining all the ISL62881 functions, the ISL62881B
offers VR_TT# function for thermal throttling control. It
also offers the split LGATE function to further improve
light load efficiency.
Features
• Precision Core Voltage Regulation
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Voltage Identification Input
- 7-Bit VID Input, 0V to 1.500V in 12.5mV Steps
- Supports VID Changes On-The-Fly
• Supports Multiple Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Superior Noise Immunity and Transient Response
• Current Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
• Integrated Gate Driver
• Split LGATE Driver to Increase Light-Load Efficiency
(For ISL62881B)
• Adaptive Body Diode Conduction Time Reduction
• User-selectable Overshoot Reduction Function
• Capable of Disabling the Droop Function
• Audio-filtering for GPU Application
• Small Footprint 28 Ld 4x4 TQFN Package
• Pb-Free (RoHS Compliant)
Applications
•Notebook Computers
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL62881HRTZ
628 81HRTZ
-10 to +100
28 Ld 4x4 TQFN
L28.4x4
ISL62881BHRTZ
62881B HRTZ
-10 to +100
32 Ld 5x5 TQFN
L32.5x5E
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL62881, ISL62881B. For more information on
MSL please see techbrief TB363.
February 25, 2010
FN6924.1


Similar Part No. - ISL62881B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881B INTERSIL-ISL62881B Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881B INTERSIL-ISL62881B Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881BHRTZ INTERSIL-ISL62881BHRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881BHRTZ INTERSIL-ISL62881BHRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881BHRTZ RENESAS-ISL62881BHRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results

Similar Description - ISL62881B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62881C RENESAS-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com