Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62875 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL62875
Description  PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62875 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL62875 Datasheet HTML 4Page - Intersil Corporation ISL62875 Datasheet HTML 5Page - Intersil Corporation ISL62875 Datasheet HTML 6Page - Intersil Corporation ISL62875 Datasheet HTML 7Page - Intersil Corporation ISL62875 Datasheet HTML 8Page - Intersil Corporation ISL62875 Datasheet HTML 9Page - Intersil Corporation ISL62875 Datasheet HTML 10Page - Intersil Corporation ISL62875 Datasheet HTML 11Page - Intersil Corporation ISL62875 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
September 18, 2009
FN6905.1
Absolute Maximum Ratings
VCC, PVCC, PGOOD to GND . . . . . . . . . . . . . -0.3V to +7.0V
VCC, PVCC to PGND . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
GND to PGND . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
EN, SET0, SET1, SET2, VO,
VID0, VID1, FB, OCSET, SREF . . . -0.3V to GND, VCC + 0.3V
BOOT Voltage (VBOOT-GND) . . . . . . . . . . . . . . . -0.3V to 33V
BOOT To PHASE Voltage (VBOOT-PHASE) . . . -0.3V to 7V (DC)
-0.3V to 9V (<10ns)
PHASE Voltage . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 28V
GND -8V (<20ns Pulse Width, 10µJ)
UGATE Voltage . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT
VPHASE - 5V (<20ns Pulse Width, 10µJ) to VBOOT
LGATE Voltage . . . . . . . . . . GND - 0.3V (DC) to VCC + 0.3V
GND - 2.5V (<20ns Pulse Width, 5µJ) to VCC + 0.3V
Thermal Information
Thermal Resistance (Typical)
θJA (°C/W)
20 Ld µTQFN Package (Notes 4, 5) . . . . . . . .
84
Junction Temperature Range . . . . . . . . . . . -55°C to +150°C
Operating Temperature Range . . . . . . . . . . -10°C to +100°C
Storage Temperature. . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . -10°C to +100°C
Converter Input Voltage to GND . . . . . . . . . . . . 3.3V to 25V
VCC, PVCC to GND . . . . . . . . . . . . . . . . . . . . . . . .5V ±5%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications These specifications apply for TA = -10°C to +100°C, unless otherwise stated.
All typical specifications TA = +25°C, VCC = 5V. Boldface limits apply over the operating
temperature range, -10°C to +100°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7) TYP
MAX
(Note 7) UNIT
VCC and PVCC
VCC Input Bias Current
IVCC
EN = 5V, VCC = 5V, FB = 0.55V, SREF < FB
-
1.1
1.5
mA
VCC Shutdown Current
IVCCoff EN = GND, VCC = 5V
-
0.1
1.0
µA
PVCC Shutdown Current
IPVCCoff EN = GND, PVCC = 5V
-
0.1
1.0
µA
VCC POR THRESHOLD
Rising VCC POR Threshold Voltage
VVCC_THR
4.40
4.49
4.60
V
Falling VCC POR Threshold Voltage
V
VCC_THF
4.10
4.22
4.35
V
REGULATION
Reference Voltage
VREF(int)
-
0.50
-
V
System Accuracy
VID0 = VID1 = GND, PWM Mode = CCM
-0.75
-
+0.75
%
PWM
Switching Frequency
FSW
PWM Mode = CCM
450
500
550
kHz
VO
VO Input Voltage Range
VVO
0
-
3.6
V
VO Input Impedance
RVO
EN = 5V
-
600
-
VO Reference Offset Current
IVOSS
VENTHR < EN, SREF = Soft-Start Mode
-
10
-
µA
VO Input Leakage Current
IVOoff
EN = GND, VO = 3.6V
-
0.1
-
µA
ERROR AMPLIFIER
FB Input Bias Current
IFB
EN = 5V, FB = 0.50V
-20
-
+50
nA
SREF
SREF Operating Voltage Range
VSREF
Nominal SREF Setting with 1% Resistors
0.5
-
1.5
V
Soft-Start Current
ISS
SREF = Soft-Start Mode
10
20
30
µA
ISL62875


Similar Part No. - ISL62875

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62875HRUZ-T RENESAS-ISL62875HRUZ-T Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
More results

Similar Description - ISL62875

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95874 INTERSIL-ISL95874 Datasheet
854Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
   PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com