Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL2106 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ZL2106
Description  6A Digital-DC Synchronous Step-Down DC/DC Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2106 Datasheet(HTML) 1 Page - Intersil Corporation

  ZL2106 Datasheet HTML 1Page - Intersil Corporation ZL2106 Datasheet HTML 2Page - Intersil Corporation ZL2106 Datasheet HTML 3Page - Intersil Corporation ZL2106 Datasheet HTML 4Page - Intersil Corporation ZL2106 Datasheet HTML 5Page - Intersil Corporation ZL2106 Datasheet HTML 6Page - Intersil Corporation ZL2106 Datasheet HTML 7Page - Intersil Corporation ZL2106 Datasheet HTML 8Page - Intersil Corporation ZL2106 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
6A Digital-DC Synchronous Step-Down DC/DC
Converter
ZL2106
The ZL2106 is an innovative power conversion and
management IC that combines an integrated
synchronous step-down DC/DC converter with key power
management functions in a small package, resulting in a
flexible and integrated solution.
The ZL2106 can provide an output voltage from 0.54V to
5.5V (with margin) from an input voltage between 4.5V
and 14V. Internal low rDS(ON) synchronous power
MOSFETs enable the ZL2106 to deliver continuous loads
up to 6A with high efficiency. An internal Schottky
bootstrap diode reduces discrete component count. The
ZL2106 also supports phase spreading to reduce system
input capacitance.
Power management features such as digital soft-start
delay and ramp, sequencing, tracking, and margining
can be configured by simple pin-strapping or through an
on-chip serial port. The ZL2106 uses the PMBus™
protocol for communication with a host controller and the
Digital-DC bus for interoperability between other Zilker
Labs devices.
Features
• Integrated MOSFET switches
• 6A continuous output current
• ±1% output voltage accuracy
• Snapshot™ parametric capture
•I2C/SMBus interface, PMBus compatible
• Internal non-volatile memory (NVM)
Applications*(see page 28)
• Telecom, Networking, Storage equipment
• Test and Measurement equipment
• Industrial control equipment
• 5V and 12V distributed power systems
Related Literature*(see page 28)
• See AN1468 “ZL2106EVAL1Z Evaluation Board”, USB
Adapter Board, GUI Software
• See AN2010 “Thermal and Layout Guidelines for
Digital-DC™ Products”
• See AN2033 “Zilker Labs PMBus Command Set-DDC
ProductsPMBus Command Set”
• See AN2035 “Compensation Using CompZL™”
FIGURE 1. ZL2106 EFFICIENCY
40
50
60
70
80
90
100
IOUT (A)
VOUT = 3.3V
0.01.0
2.03.0
4.05.0
6.0
VIN = 12V
fSW = 200kHz
L = 6µH
February 11, 2010
FN6852.2


Similar Part No. - ZL2106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALBNT INTERSIL-ZL2106ALBNT Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
ZL2106ALBNT1 INTERSIL-ZL2106ALBNT1 Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
More results

Similar Description - ZL2106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com