Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5111T Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5111T
Description  60MHz Rail-to-Rail Input-Output Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5111T Datasheet(HTML) 3 Page - Intersil Corporation

  EL5111T Datasheet HTML 1Page - Intersil Corporation EL5111T Datasheet HTML 2Page - Intersil Corporation EL5111T Datasheet HTML 3Page - Intersil Corporation EL5111T Datasheet HTML 4Page - Intersil Corporation EL5111T Datasheet HTML 5Page - Intersil Corporation EL5111T Datasheet HTML 6Page - Intersil Corporation EL5111T Datasheet HTML 7Page - Intersil Corporation EL5111T Datasheet HTML 8Page - Intersil Corporation EL5111T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EL5111T
3
FN6894.0
May 27, 2010
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS-. . . . . . . . . . . .+19.8V
Input Voltage Range (VIN+, VIN-) . . VS- - 0.5V, VS+ + 0.5V
Input Differential Voltage (VIN+ - VIN-). . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . (VS+ + 0.5V)-(VS- - 0.5V)
Maximum Continuous Output Current . . . . . . . . . . .±70mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 3000V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
5 Ld TSOT (Notes 4, 5)
215
290
Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . -40°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +150°C
Power Dissipation . . . . . . . . . . . . . . .See Figures 32 and 33
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board. See Tech Brief
TB379.
5. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VS+ = +5V, VS- = -5V, RL = 1kΩ to 0V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN TYP MAX UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
5
18
mV
TCVOS
Average Offset Voltage Drift (Note 6)
8
μV/°C
IB
Input Bias Current
VCM = 0V
2
60
nA
RIN
Input Impedance
1GΩ
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-5.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
For VIN from -5.5V to 5.5V
50
73
dB
AVOL
Open-Loop Gain
-4.5V ≤ VOUT ≤ 4.5V
62
78
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
-4.93 -4.85
V
VOH
Output Swing High
IL = +5mA
4.85 4.93
V
ISC
Short-Circuit Current
VCM = 0V, Source: VOUTx short to VS-,
Sink: VOUT short to VS+
±300
mA
IOUT
Output Current
±70
mA
POWER SUPPLY PERFORMANCE
(VS+) - (VS-) Supply Voltage Range
4.5
19
V
IS
Supply Current
VCM = 0V, No load
3.1
4
mA
PSRR
Power Supply Rejection Ratio
Supply is moved from ±2.25V to ±9.5V
60
75
dB
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 7)
-4.0V ≤ VOUT ≤ 4.0V, 20% to 80%
100
V/μs
tS
Settling to +0.1% (Note 8)
AV = +1, VOUTx= 2V step,
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
85
ns
BW
-3dB Bandwidth
RL = 1kΩ, CL = 1.5pF
60
MHz
GBWP
Gain-Bandwidth Product
AV = -10, RF = 1kΩ, RG = 100Ω
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
32
MHz
PM
Phase Margin
AV = -10, RF = 1kΩ, RG = 100Ω
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
50
°
EL5111T


Similar Part No. - EL5111T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
logo
Renesas Technology Corp
EL5111TIWTZ-T7 RENESAS-EL5111TIWTZ-T7 Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111TIWTZ-T7A INTERSIL-EL5111TIWTZ-T7A Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
More results

Similar Description - EL5111T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com