Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32796G2226 Datasheet(PDF) 2 Page - EPCOS

Part # B32796G2226
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32796G2226 Datasheet(HTML) 2 Page - EPCOS

  B32796G2226 Datasheet HTML 1Page - EPCOS B32796G2226 Datasheet HTML 2Page - EPCOS B32796G2226 Datasheet HTML 3Page - EPCOS B32796G2226 Datasheet HTML 4Page - EPCOS B32796G2226 Datasheet HTML 5Page - EPCOS B32796G2226 Datasheet HTML 6Page - EPCOS B32796G2226 Datasheet HTML 7Page - EPCOS B32796G2226 Datasheet HTML 8Page - EPCOS B32796G2226 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Typical applications
Output AC filtering for power converters
UPS, solar inverters, motor drives
Climatic
Max. operating temperature: 105
°C
Climatic category (IEC 60068-1): 40/85/56
Construction
Dielectric: Polypropylene (PP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Optimized AC voltage performance
High ripple current/frequency capability
Small dimensions
For PCB mounting
Terminals
Parallel wire leads, lead-free tinned
2-pin and 4-pin versions
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, date code,
rated capacitance (coded), capacitance
tolerance (code letter), rated AC voltage
Delivery mode
Bulk (untaped, lead length 6
1 mm)
Dimensional drawings
2-pin version
4-pin version
Dimensions in mm
Version
Lead
spacing
±0.4
Lead
diameter
d1
Type
2-pin
27.5
0.8
B32794D
2-pin
37.5
1.0
B32796E
4-pin
37.5
1.2
B32796G
4-pin
52.5
1.2
B32798G
Metallized polypropylene film capacitors (MKP)
B32794 ... B32798
MKP AC filtering
Preliminary Data
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32796G2226

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32796G2226+000 EPCOS-B32796G2226+000 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32796G2226

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com