Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32672T5334K Datasheet(PDF) 6 Page - EPCOS

Part # B32672T5334K
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672T5334K Datasheet(HTML) 6 Page - EPCOS

Back Button B32672T5334K Datasheet HTML 2Page - EPCOS B32672T5334K Datasheet HTML 3Page - EPCOS B32672T5334K Datasheet HTML 4Page - EPCOS B32672T5334K Datasheet HTML 5Page - EPCOS B32672T5334K Datasheet HTML 6Page - EPCOS B32672T5334K Datasheet HTML 7Page - EPCOS B32672T5334K Datasheet HTML 8Page - EPCOS B32672T5334K Datasheet HTML 9Page - EPCOS B32672T5334K Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VRMS
f
≤1 kHz
V AC
VR
V DC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
220
450
0.22
6.0
× 15.0 × 26.5 B32673Z4224+*** 2720
2800
2880
0.22
7.5
× 14.0 × 26.5 B32673T4224K*** 2200
2000
2280
0.33
6.0
× 15.0 × 26.5 B32673Z4334+*** 2720
2800
2880
0.33
7.5
× 14.0 × 26.5 B32673T4334K*** 2200
2000
2280
0.47
6.0
× 15.0 × 26.5 B32673Z4474+*** 2720
2800
2880
0.47
7.5
× 14.0 × 26.5 B32673T4474K*** 2200
2000
2280
0.68
7.0
× 16.0 × 26.5 B32673Z4684+*** 2320
2400
2520
0.68
7.5
× 14.0 × 26.5 B32673T4684K*** 2200
2000
2280
1.0
10.5
× 16.5 × 26.5 B32673Z4105+*** 1560
1600
2160
1.5
11.0
× 20.5 × 26.5 B32673Z4155+*** 1480
1400
2040
2.2
12.0
× 22.0 × 26.5 B32673Z4225+***
1800
277
520
0.22
6.0
× 15.0 × 26.5 B32673Z5224+*** 2720
2800
2880
0.22
7.5
× 14.0 × 26.5 B32673T5224K*** 2200
2000
2280
0.33
6.0
× 15.0 × 26.5 B32673Z5334+*** 2720
2800
2880
0.33
7.5
× 14.0 × 26.5 B32673T5334K*** 2200
2000
2280
0.47
7.0
× 16.0 × 26.5 B32673Z5474+*** 2320
2400
2520
0.47
7.5
× 14.0 × 26.5 B32673T5474K*** 2200
2000
2280
0.68
10.5
× 16.5 × 26.5 B32673Z5684+*** 1560
1600
2160
1.0
10.5
× 20.5 × 26.5 B32673Z5105+***
2160
1.5
12.0
× 22.0 × 26.5 B32673Z5155+***
1800
310
630
0.15
6.0
× 15.0 × 26.5 B32673Z6154+*** 2720
2800
2880
0.22
6.0
× 15.0 × 26.5 B32673Z6224+*** 2720
2800
2880
0.33
7.0
× 16.0 × 26.5 B32673Z6334+*** 2820
2400
2520
0.33
7.5
× 14.0 × 26.5 B32673T6334+*** 2200
2000
2280
0.47
8.5
× 16.5 × 26.5 B32673Z6474+*** 1920
2000
2040
0.68
10.5
× 18.5 × 26.5 B32673Z6684+*** 1560
1600
2160
1.0
11.0
× 20.5 × 26.5 B32673Z6105+*** 1480
1400
2040
1.2
12.0
× 22.0 × 26.5 B32673Z6125+***
1800
1.5
14.5
× 29.5 × 26.5 B32673Z6155+***
2160
2.2
14.5
× 29.5 × 26.5 B32673Z6225+***
2160
B32673Z
Power Factor Correction
Page 6 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672T5334K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L EPCOS-B32672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L EPCOS-B32672L Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32672L0103 EPCOS-B32672L0103 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L0103 EPCOS-B32672L0103 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32672L0103 TDK-B32672L0103 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32672T5334K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com