Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGI4090PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGI4090PBF
Description  IRGI4090PbF Low VCE(on) and Energy per Pulse (EPULSE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGI4090PBF Datasheet(HTML) 2 Page - International Rectifier

  IRGI4090PBF Datasheet HTML 1Page - International Rectifier IRGI4090PBF Datasheet HTML 2Page - International Rectifier IRGI4090PBF Datasheet HTML 3Page - International Rectifier IRGI4090PBF Datasheet HTML 4Page - International Rectifier IRGI4090PBF Datasheet HTML 5Page - International Rectifier IRGI4090PBF Datasheet HTML 6Page - International Rectifier IRGI4090PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRGI4090PbF
2
www.irf.com
Notes:
 Half sine wave with duty cycle = 0.05, PW=2µsec.
‚ Rθ is measured at TJ of approximately 90°C.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVCES
Collector-to-Emitter Breakdown Voltage
300
–––
–––
V
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
e
30
–––
–––
V
∆ΒV
CES/
∆T
J
Breakdown Voltage Temp. Coefficient
–––
0.30
–––
V/°C
–––
1.20
–––
–––
1.67
1.94
2.43
–––
V
–––
3.35
–––
–––
4.50
–––
–––
4.75
–––
VGE(th)
Gate Threshold Voltage
2.6
–––
5.0
V
∆V
GE(th)/
∆T
J
Gate Threshold Voltage Coefficient
–––
-12
–––
mV/°C
ICES
Collector-to-Emitter Leakage Current
–––
2.0
5.0
µA
–––
5.0
–––
–––
100
–––
IGES
Gate-to-Emitter Forward Leakage
–––
–––
100
nA
Gate-to-Emitter Reverse Leakage
–––
–––
-100
gfe
Forward Transconductance
–––
11
–––
S
Qg
Total Gate Charge
–––
34
–––
nC
Qgc
Gate-to-Collector Charge
–––
9.6
–––
td(on)
Turn-On delay time
–––
20
–––
IC = 11A, VCC = 240V
tr
Rise time
–––
14
–––
ns
RG = 10
Ω, L=200µH, L
S= 150nH
td(off)
Turn-Off delay time
–––
99
–––
TJ = 25°C
tf
Fall time
–––
68
–––
td(on)
Turn-On delay time
–––
19
–––
IC = 11A, VCC = 240V
tr
Rise time
–––
15
–––
ns
RG = 10
Ω, L=200µH, L
S= 150nH
td(off)
Turn-Off delay time
–––
139
–––
TJ = 150°C
tf
Fall time
–––
129
–––
tst
Shoot Through Blocking Time
100
–––
–––
ns
EPULSE
Energy per Pulse
µJ
Cies
Input Capacitance
–––
1153
–––
Coes
Output Capacitance
–––
59
–––
pF
Cres
Reverse Transfer Capacitance
–––
27
–––
LC
Internal Collector Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LE
Internal Emitter Inductance
–––
7.5
–––
from package
VGE = 15V, ICE = 120A
e
Static Collector-to-Emitter Voltage
VCE(on)
VGE = 15V, ICE = 90A, TJ = 150°C
e
549
–––
Reference to 25°C
VGE = 30V
VGE = -30V
VCE = 300V, VGE = 0V, TJ = 100°C
VCC = 240V, VGE = 15V, RG= 5.1
VCE = VGE, ICE = 250µA
VCE = 300V, VGE = 0V
VCE = 300V, VGE = 0V, TJ = 150°C
–––
637
–––
VCE = 25V, ICE = 11A
VCE = 200V, IC = 11A, VGE = 15V
e
VCC = 240V, RG= 5.10
Ω, T
J = 25°C
–––
ƒ = 1.0MHz,
See Fig.13
and center of die contact
Conditions
VGE = 0V, ICE = 500µA
Reference to 25°C, ICE = 5.0µA
VGE = 15V, ICE = 90A
e
VGE = 15V, ICE = 11A
e
VGE = 15V, ICE = 30A
e
VGE = 0V, ICE = 1.0A
VGE = 15V, ICE = 60A
e
VCE = 30V
VGE = 0V
L =220nH, C= 0.10µF, VGE = 15V
L =220nH, C= 0.10µF, VGE = 15V
VCC = 240V, RG= 5.10
Ω, T
J = 100°C


Similar Part No. - IRGI4090PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGI4045DPBF IRF-IRGI4045DPBF Datasheet
327Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4055PBF IRF-IRGI4055PBF Datasheet
251Kb / 7P
   PDP TRENCH IGBT
IRGI4056DPBF IRF-IRGI4056DPBF Datasheet
421Kb / 10P
   Low VCE (ON) trench IGBT technology
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGI4090PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPS4067DPBF IRF-IRGPS4067DPBF Datasheet
270Kb / 10P
   Low VCE (on) Trench IGBT Technology
IRGI4056DPBF IRF-IRGI4056DPBF Datasheet
421Kb / 10P
   Low VCE (ON) trench IGBT technology
IRG7PH42UD2PBF IRF-IRG7PH42UD2PBF Datasheet
349Kb / 10P
   Low VCE (ON) Trench IGBT Technology
logo
Infineon Technologies A...
AUIRGDC0250 INFINEON-AUIRGDC0250 Datasheet
443Kb / 10P
   Low VCE (on) Planar IGBT Technology
2018-03-01
AUIRGPS4070D0 INFINEON-AUIRGPS4070D0 Datasheet
849Kb / 11P
   Low VCE (on) Trench IGBT Technology
2016-12-12
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
CS5466 CIRRUS-CS5466_05 Datasheet
296Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
   LOW COST POWER ENERGY IC WITH PULSE OUTPUT
logo
Texas Instruments
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com