Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25667B4866A375 Datasheet(PDF) 1 Page - EPCOS

Part # B25667B4866A375
Description  PhaseCap Premium capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667B4866A375 Datasheet(HTML) 1 Page - EPCOS

  B25667B4866A375 Datasheet HTML 1Page - EPCOS B25667B4866A375 Datasheet HTML 2Page - EPCOS B25667B4866A375 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Capacitors
B25667B4866A375
Power Factor Correction
MKK480-D-6.25-01
Edition 1.
FK PFC RD / VA
10.03.05
Construction
Dimensional drawing
Dielectric: Polypropylene film
Gas-impregnated / dry type
Concentric winding
Wave cut
Extruded round aluminum can with stud
Provided with ceramic discharge module
Triple safety system
Features
Three phase, delta connected
Self-healing technology
Naturally air cooled (or forced air cooling)
Indoor mounting
Typical applications
For Power Factor Correction
Terminals
SIGUT terminals
Mounting parts
Threaded stud at bottom of can
(max. torque = 10 Nm for M12)
Technical data and specifications
Characteristics
Rated capacitance CR
3 x 29 µF
Tolerance
-5 / +10%
Connection
D (Delta)
Rated voltage VR
480 VAC
Rated frequency fR
50 Hz
60 Hz
Output
6.25 kvar
7.5 kvar
Rated current IR
8 A
9 A
tanδ (dielectric)
0.2 W / kvar
Page 1 of 3


Similar Part No. - B25667B4866A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4866A375 EPCOS-B25667B4866A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4866A375 EPCOS-B25667B4866A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results

Similar Description - B25667B4866A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com