Electronic Components Datasheet Search |
|
B32633B2222 Datasheet(PDF) 11 Page - EPCOS |
|
B32633B2222 Datasheet(HTML) 11 Page - EPCOS |
11 / 29 page Technical data Operating temperature range Max. operating temperature Top,max +110 °C Upper category temperature Tmax +100 °C Lower category temperature Tmin 55 °C Rated temperature TR +85 °C Dissipation factor tan δ 1.0 10-3 (at 10 kHz) at 20 °C 2.0 10-3 (at 100 kHz) (upper limit values) Insulation resistance Rins 100 G Ω at 20 °C, rel. humidity ≤ 65% (minimum as-delivered values) DC test voltage 2.0 VR, 2 s (B32632/3000 V DC: 1.2 VR, 2 s; B32633/3000 V DC: 1.6 VR, 2 s) Category voltage VC TA ( °C) DC voltage derating AC voltage derating (continuous operation with VDC TA ≤ 85 VC = VR VC,RMS = VRMS or VAC at f ≤ 1 kHz) 85<TA ≤100 V C = VR (165 TA)/80 VC,RMS = VRMS (165 TA)/80 Operating voltage Vop for TA ( °C) DC voltage (max. hours) AC voltage (max. hours) short operating periods TA ≤ 85 Vop = 1.25 VC (2000 h) Vop = 1.0 VC,RMS (2000 h) (VDC or VAC at f ≤ 1 kHz) 85<TA ≤100 V op = 1.25 VC (1000 h) Vop = 1.0 VC,RMS (1000 h) Damp heat test 56 days/40 °C/93% relative humidity Limit values after damp Capacitance change ∆C/C ≤ 2% heat test Dissipation factor change ∆ tan δ ≤ 1.0 10-3 (at 10 kHz) Insulation resistance Rins ≥ 50% of minimum as-delivered values Reliability: Failure rate λ 1 fit ( ≤ 2 10-9/h) at 0.5 V R, 40 °C Service life tSL 200 000 h at 1.0 VR, 85 °C For conversion to other operating conditions and temperatures, refer to chapter "Quality, 2 Reliability". Failure criteria: Total failure Short circuit or open circuit Failure due to variation Capacitance change ∆C/C > 10% of parameters Dissipation factor tan δ > 4 upper limit value Insulation resistance Rins < 1500 M Ω B32632 ... B32634 Very high pulse (wound) Page 11 of 29 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32633B2222 |
|
Similar Description - B32633B2222 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |