Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7757GPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7757GPBF
Description  HEXFETPower MOSFET Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7757GPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7757GPBF Datasheet HTML 1Page - International Rectifier IRF7757GPBF Datasheet HTML 2Page - International Rectifier IRF7757GPBF Datasheet HTML 3Page - International Rectifier IRF7757GPBF Datasheet HTML 4Page - International Rectifier IRF7757GPBF Datasheet HTML 5Page - International Rectifier IRF7757GPBF Datasheet HTML 6Page - International Rectifier IRF7757GPBF Datasheet HTML 7Page - International Rectifier IRF7757GPBF Datasheet HTML 8Page - International Rectifier IRF7757GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7757GPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.2
V
TJ = 25°C, IS = 1.2A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
20
30
ns
TJ = 25°C, IF = 1.2A
Qrr
Reverse Recovery Charge
–––
10
15
nC
di/dt = 100A/µs
‚
Source-Drain Ratings and Characteristics
A
19
–––
–––
–––
1.2
–––
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.013 –––
V/°C Reference to 25°C, ID = 1mA
–––
–––
35
VGS = 4.5V, ID = 4.8A
‚
–––
–––
40
VGS = 2.5V, ID = 3.8A
‚
VGS(th)
Gate Threshold Voltage
0.60 –––
1.2
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
11
––– –––
S
VDS = 10V, ID = 4.8A
–––
–––
1.0
VDS = 16V, VGS = 0V
–––
–––
25
VDS = 16V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 12V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -12V
Qg
Total Gate Charge
–––
15
23
ID = 4.8A
Qgs
Gate-to-Source Charge
–––
2.5
–––
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
4.8
–––
VGS = 4.5V
td(on)
Turn-On Delay Time
–––
9.5
–––
VDD = 10V
‚
tr
Rise Time
–––
9.2
–––
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
36
–––
RG = 6.2Ω
tf
Fall Time
–––
14
–––
VGS = 4.5V
Ciss
Input Capacitance
––– 1340 –––
VGS = 0V
Coss
Output Capacitance
–––
180 –––
pF
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
132 –––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
S
D
G


Similar Part No. - IRF7757GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF7757PBF IRF-IRF7757PBF Datasheet
156Kb / 9P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com