Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7755GPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7755GPBF
Description  HEXFET짰 Power MOSFET Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7755GPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7755GPBF Datasheet HTML 1Page - International Rectifier IRF7755GPBF Datasheet HTML 2Page - International Rectifier IRF7755GPBF Datasheet HTML 3Page - International Rectifier IRF7755GPBF Datasheet HTML 4Page - International Rectifier IRF7755GPBF Datasheet HTML 5Page - International Rectifier IRF7755GPBF Datasheet HTML 6Page - International Rectifier IRF7755GPBF Datasheet HTML 7Page - International Rectifier IRF7755GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
05/14/09
IRF7755GPbF
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
VDS
Drain-Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-3.9
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-3.1
A
IDM
Pulsed Drain Current

-15
PD @TA = 25°C
Maximum Power Dissipation
ƒ
1W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
0.64
W
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
±20
V
TJ , TSTG
Junction and Storage Temperature Range
-55 to +150
°C
VDSS
RDS(on) max
ID
-20V
51m
Ω@VGS = -4.5V
-
3.7A
86m
Ω@VGS = -2.5V
-
2.8A
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
125
°C/W
TSSOP-8
Description
l Ultra Low On-Resistance
l Dual P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.2mm)
l Available in Tape & Reel
l Lead-Free
l Halogen-Free
HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design, that Inter-
national Rectifier is well known for,
provides thedesigner
with an extremely efficient and reliable device for
battery and load management.
The TSSOP-8 package has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium. The low profile (<1.2mm) allows it to fit
easily into extremely thin environments such as portable
electronics and PCMCIA cards.
#Ã2ÃB
"Ã2ÃT
!Ã2ÃT
Ã2Ã9
!
"
#
$
%
&
'
$Ã2ÃB!
%Ã2ÃT!
&Ã2ÃT!
'Ã2Ã9!
PD- 96150A


Similar Part No. - IRF7755GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7755PBF IRF-IRF7755PBF Datasheet
243Kb / 8P
   Ultra Low On-Resistance
More results

Similar Description - IRF7755GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7700GPBF IRF-IRF7700GPBF Datasheet
246Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7754GPBF IRF-IRF7754GPBF Datasheet
241Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7701GPBF IRF-IRF7701GPBF Datasheet
241Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7705GPBF IRF-IRF7705GPBF Datasheet
240Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
IRF7757GPBF IRF-IRF7757GPBF Datasheet
244Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7704GPBF IRF-IRF7704GPBF Datasheet
250Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7703GPBF IRF-IRF7703GPBF Datasheet
243Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com