Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62V02-01-040SH Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 62V02-01-040SH
Description  1/2' Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62V02-01-040SH Datasheet(HTML) 1 Page - Grayhill, Inc

  62V02-01-040SH Datasheet HTML 1Page - Grayhill, Inc 62V02-01-040SH Datasheet HTML 2Page - Grayhill, Inc 62V02-01-040SH Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
FEATURES
• Low Cost
• Long Life
• Available in 3.3 or 5.0 Vdc
Operating Voltages
• High Torque Version
to Emphasize Rotational Feel
• Economical Size
• Optically Coupled for More than a
Million Cycles
• Optional Integral Pushbutton
• Compatible with CMOS, TTL and
HCMOS Logic
• Available in 12,16, 20, 24 and 32
Detent Positions (Non-detent Also
Available)
• Choices of Cable Length and
Terminations
Cable Version
APPLICATIONS
• Global Positioning/Driver
Information Systems
• Medical Equipment
DIMENSIONS In inches (and millimeters)
SERIES 62A,V,D
1/2'' Package
Encoder
7
62AXX-XX-XXXC
XXXX X-X
GRAYHILL
6 5 4 3 2 1
28 AWG CABLE
WIRES ON
.050 (1.27)
CENTERS
.320 REF.
(8,13)
Ø.250±.002
(6,35±0,05)
.510±.015
(12,95±0,38)
.525±.015
(12,95±0,38)
.312
(7,92)
.375±.015
(9,52±0,38)
.250
(6,35)
.250
(6,35)
.540
(13,72)
.066±.002
(1,68±0,05
.390
(9,91)
.250
(6,35)
.500
(13,26)
.152±.002
(3,9±0,05)
.219±.003
(5,6±0,08)
3/8-32 UNEF-2A THREAD
THREADS TO BE WITHIN
.030 (0,76) OF SHOULDER.
CONNECTOR IS
AMP P/N
215083-6
4.000
±.20
(±5,1)


Similar Part No. - 62V02-01-040SH

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62V02-01-040SH GRAYHILL-62V02-01-040SH Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62V02-01-040SH

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62S GRAYHILL-62S Datasheet
484Kb / 2P
   Compact 1/2' Package
62N22-040S GRAYHILL-62N22-040S Datasheet
725Kb / 2P
   1/2 Package, non-turn, Dedicated Shaft
62HR45-H9-020S GRAYHILL-62HR45-H9-020S Datasheet
1Mb / 2P
   1/2 Package, Redundant Circuitry High Torque
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
   Switch/2:1 MUX in SOT-66 Package
REV. A
logo
Texas Instruments
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com