Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7702GPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7702GPBF
Description  HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7702GPBF Datasheet(HTML) 7 Page - International Rectifier

  IRF7702GPBF Datasheet HTML 1Page - International Rectifier IRF7702GPBF Datasheet HTML 2Page - International Rectifier IRF7702GPBF Datasheet HTML 3Page - International Rectifier IRF7702GPBF Datasheet HTML 4Page - International Rectifier IRF7702GPBF Datasheet HTML 5Page - International Rectifier IRF7702GPBF Datasheet HTML 6Page - International Rectifier IRF7702GPBF Datasheet HTML 7Page - International Rectifier IRF7702GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7703GPbF
www.irf.com
7
Fig 16
. Typical Power Vs. Time
Fig 15. Typical Threshold Voltage Vs.
Junction Temperature
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
ID = -250µA
0.00
0.01
0.10
Time (sec)
10
30
50
70
90
110
130
150


Similar Part No. - IRF7702GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7702GPBF IRF-IRF7702GPBF Datasheet
243Kb / 9P
   Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (< 1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com