Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME270461X Datasheet(PDF) 2 Page - International Rectifier

Part # AME270461X
Description  EMI FILTER HYBRID-HIGH RELIABILITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AME270461X Datasheet(HTML) 2 Page - International Rectifier

  AME270461X Datasheet HTML 1Page - International Rectifier AME270461X Datasheet HTML 2Page - International Rectifier AME270461X Datasheet HTML 3Page - International Rectifier AME270461X Datasheet HTML 4Page - International Rectifier AME270461X Datasheet HTML 5Page - International Rectifier AME270461X Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.irf.com
AME270461 Series
Specifications
Notes to Specifications
ABSOLUTE MAXIMUM RATINGS Note 1
Input Voltage
-720V to +720V Note 2
Input Current
3.0A
Lead Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Electrical Characteristics -55°C ≤ TCASE ≤ +125°C, -400V ≤ VIN ≤ +400V unless otherwise specified
1.
Operation above maximum ratings may cause permanent damage to the device. Operation at maximum ratings
may degrade performance and affect reliability.
2.
Device can tolerate ± 720 Volt transient whose duration is
≤ 100 ms when RS ≥ 0.5 Ω.
3.
Derate Output Current linearly from 100% at 125°C to 0 at 135°C.
4.
DC resistance is the total resistance of the device and includes the sum of the input to output resistance and the
return in to return out resistance paths.
Parameter
Group A
Subgroups
Test Conditions
Min
Max
Unit
Leakage Current Note 3
1, 2, 3
± 500V DC Input Voltage
0
50
µA
DC Resistance Note 4
1, 2, 3
TC = 25°C
TC = 125°C
400
700
m
Noise Reduction
4, 5, 6
200 KHz - 500 KHz
500 KHz - 1 MHz
1 MHz – 10 MHz
35
60
65
dB
Isolation
1
Any Pin to Case, Tested @ 500VDC
100
M
Capacitance
1
2, 3
Measured Between Any Pin and Case
34
30
56
62
nF


Similar Part No. - AME270461X

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461X PERKINELMER-AME270461X Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME270461X-CH IRF-AME270461X-CH Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME270461X-ES IRF-AME270461X-ES Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME270461X-HB IRF-AME270461X-HB Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME270461X/CH IRF-AME270461X/CH Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results

Similar Description - AME270461X

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461 IRF-AME28461 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com