Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7342D2 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7342D2
Description  FETKY MOSFET & Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7342D2 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7342D2 Datasheet HTML 3Page - International Rectifier IRF7342D2 Datasheet HTML 4Page - International Rectifier IRF7342D2 Datasheet HTML 5Page - International Rectifier IRF7342D2 Datasheet HTML 6Page - International Rectifier IRF7342D2 Datasheet HTML 7Page - International Rectifier IRF7342D2 Datasheet HTML 8Page - International Rectifier IRF7342D2 Datasheet HTML 9Page - International Rectifier IRF7342D2 Datasheet HTML 10Page - International Rectifier IRF7342D2 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRF7342D2
www.irf.com
7
Fig 15. Typical Vgs(th) Vs.
Junction Temperature
Power Mosfet Characteristics
Fig 16. Typical Power Vs. Time
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
ID = -250µA
0.001
0.010
0.100
1.000
10.000
100.000
Time (sec)
0
20
40
60
80
100


Similar Part No. - IRF7342D2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com