Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATO28XXT Datasheet(PDF) 4 Page - International Rectifier

Part # ATO28XXT
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATO28XXT Datasheet(HTML) 4 Page - International Rectifier

  ATO28XXT_07 Datasheet HTML 1Page - International Rectifier ATO28XXT_07 Datasheet HTML 2Page - International Rectifier ATO28XXT_07 Datasheet HTML 3Page - International Rectifier ATO28XXT_07 Datasheet HTML 4Page - International Rectifier ATO28XXT_07 Datasheet HTML 5Page - International Rectifier ATO28XXT_07 Datasheet HTML 6Page - International Rectifier ATO28XXT_07 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com
ATO28XXT Series
T
CASE = -55°C to +125°C, VIN = +28V ± 5% unless otherwise specified
Specifications
Notes to Specifications
1.
Tested at each output.
2.
Parameter guaranteed by line and load regulation tests.
3.
At least 20 percent of the total output power should be taken from the (+5V) main output.
4.
Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz.
5.
An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
6.
Above 125
°C case temperature, derate output power linearly to 0 at 135°C case
Input voltage
-0.5V to +50V DC
P ow er O utput
Internally lim ited, 17.5W typical
S oldering tem perature
300°C for 10 seconds
T em perature R ange6
O perating case tem perature
-55°C to +135°C
Storage case tem perature
-65°C to +135°C
A bso lu te M axim u m R ating s
TEST
SYMBOL
Condition
-55
°C ≤ TC ≤+125°C, VIN = 28 VDC ±5%, CL=0
unless otherwise specified
ATO2812T/HB
ATO2815T/HB
Min
Max
Min
Max
Units
STATIC
CHARACTERISTICS
OUTPUT
Voltage
1
VOUT
IOUT = 0 (main)
IOUT = 0 (dual)
1
TC = 25
°C
Over Temp
TC = 25
°C
Over Temp
4.95
4.90
±11.88
±11.76
5.05
5.10
±12.12
±12.24
4.95
4.90
±14.85
±14.70
5.05
5.10
±15.15
±15.30
V
V
V
V
Current
1,2,3
IOUT
VIN = 16, 28, and 40 VDC (main)
0.0
2000
0.0
2000
mA
Ripple Voltage
1,4
VRIP
VIN = 16, 28, and 40 VDC (dual)
1
VIN = 16, 28, and 40 VDC
0.0
±208
80
0.0
±167
80
mA
mVp-p
BW = DC to 2 MHz (main)
VIN = 16, 28, and 40 VDC
BW = DC to 2 MHz (dual))
40
40
mVp-p
Power
1,2,3
POUT
VIN = 16, 28, and 40 VDC (main)
(+dual)
(-dual)
(total)
10
2.5
2.5
15
10
2.5
2.5
15
W
W
W
W
REGULATION
Line
1,3
Load 1,3
VRLINE
VRLOAD
VIN = 16, 28, and 40 VDC
IOUT = 0, 1000, 2000mA (main)
VIN = 16, 28, and 40 VDC (dual)
IOUT = 0,
±84, ±167mA (dual)
VIN = 16, 28, and 40 VDC
IOUT = 0, 1000, 2000mA (main)
VIN = 16, 28, and 40 VDC
IOUT = 0,
±84, ±167mA (dual)
TC = 25
°C
Over Temp
25
±30
±60
50
±60
25
±35
±75
50
±75
mV
INPUT
Current
Ripple Current
4
IIN
IRIP
IOUT = 0, Inhibit (pin 8)
Tied to input return (pin 10)
IOUT = 0, inhibit (pin 2) = open
IOUT = 2000 mA (main)
IOUT =
±167mA (dual)
BW = DC to 2MHz
15
40
50
15
40
50
mA
mA
mAp-p
EFFICIENCY
EFF
IOUT = 2000mA (main)
IOUT =
±167mA (dual)
TC =
±25°C
TC = 25
°C
76
76
%
ISOLATION
ISO
Input to output or any pin to
case (except pin 7) at 500 VDC
TC = 25
°C
100
100
M
Load Fault
Power Dissipation 3
PD
Overload, TC = +25
°C5
Short Circuit, TC = +25
°C
TC = 25
°C
8.0
6.0
8.0
6.0
W
Switching Frequency
FS
IOUT = 2000mA (main)
IOUT =
±167mA (dual)
225
275
225
275
KHz
Inhibit Open Circuit
Voltage
VOI
9.0
13
9.0
13
V


Similar Part No. - ATO28XXT_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results

Similar Description - ATO28XXT_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com