Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2827F3-05 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2827F3-05
Description  Negative Output Low Drop Out voltage regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2827F3-05 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2827F3-05 Datasheet HTML 2Page - New Japan Radio NJM2827F3-05 Datasheet HTML 3Page - New Japan Radio NJM2827F3-05 Datasheet HTML 4Page - New Japan Radio NJM2827F3-05 Datasheet HTML 5Page - New Japan Radio NJM2827F3-05 Datasheet HTML 6Page - New Japan Radio NJM2827F3-05 Datasheet HTML 7Page - New Japan Radio NJM2827F3-05 Datasheet HTML 8Page - New Japan Radio NJM2827F3-05 Datasheet HTML 9Page - New Japan Radio NJM2827F3-05 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NJM2827
- 10 -
Ver.2010-07-13
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
0
50
100
150
200
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2827/-7.0V
Short Circuit Current vs. Temperature
@:VIN=-8.0V
Output is short to ground.
Co=1.0uF(Ceramic)
0
Time:t(ms)
-14
0.4
0.8
1.2
1.6
2
-11
-7.00
-12
-7.02
-13
-6
-6.90
-7
-6.92
-8
-6.94
-9
-6.96
-10
NJM2827_-7.0V
-6.88
-6.98
-7.04
Line Transient Response
Input Voltage
Output Voltage
@Ta:25°C
Io=30mA
Co=1.0uF
0
NJM2827_-7.0V
Load Transient Response
-6.90
150
-6.96
0
-7.04
-200
-6.92
100
-6.94
50
-6.98
-50
-7.00
-100
-7.02
-150
-7.06
-250
40
80
120
160
200
Time:t(µs)
Output Current
Output Voltage
@Ta:25°C
Vin=-8V
Co=1.0uF


Similar Part No. - NJM2827F3-05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820F NJRC-NJM2820F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821 NJRC-NJM2821 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821F NJRC-NJM2821F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2822 NJRC-NJM2822 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2827F3-05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
   Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com