Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62P16-H6 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 62P16-H6
Description  Low Cost, PC Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62P16-H6 Datasheet(HTML) 2 Page - Grayhill, Inc

  62P16-H6 Datasheet HTML 1Page - Grayhill, Inc 62P16-H6 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
WAVEFORM AND TRUTH TABLE Standard Quadrature 2-bit Code
SPECIFICATIONS
Electrical Ratings
Operating Voltage: 5 Vdc +/-.25 Vdc
Supply Current: 30mA maximum at 5 Vdc
Logic High: 3.0V minimum
Logic Low: 1.0V maximum
Logic Rise and Fall: less than 30 ms
Pushbutton Switch Ratings
Rating: 5.0 Vdc at 10mA resistive
Contact Resistance: less than 10 ohms
(TTL or CMOS compatible)
Voltage Breakdown: 250 Vac between
mutually insulated parts
Contact Bounce: less than 4 ms at make
and less than 10 ms at break
Actuation Life: 3,000,000 operations
Actuation Force: 6: 600 +/- 200 grams
4: 450 +/- 150 grams
Shaft Travel: .015 ± .010 inch
Mechanical Ratings
Operating Torque:
H: 1.4 in-oz +/- 0.6 in-oz initial
L: 0.6 in-oz +/- 0.3 in-oz initial
N:
0.5 in-oz initial
Rotational Life:
H&L: 500,000 cycles
N: 2 million cycles
(1 cycle = 360 degree rotation and return)
Shaft Push Out Force:
20 lbs minimum
Operating Speed: 100 RPM maximum
Axial Shaft Play: .010 maximum
Environmental Ratings
Operating Temperature Range:
-40°C to 85°C
Storage Temperature Range:
-55°C to 100°C
Relative Humidity: 90-95% at 40°C
for 96 hours
Vibration Resistance: Harmonic motion with
Amplitude of 15g, within a varied 10 to 2000
Hz frequency for 12 hours per MIL-STD-202,
Method 204
Mechanical Shock Resistance:
Test 1: Tested at 100g for 6mS, half sine,
12.3 ft/s.
Test 2: 100g for 6mS, Sawtooth, 9.7 ft/s
Materials and Finishes
Code/Pushbutton Housing: Thermoplastic
Shaft: Thermoplastic
Code/Detent Rotor: Reinforced
Thermoplastic
Bushing: Thermoplastic
Terminal Pins: Brass, Tin plated
Detent Spring: Stainless Steel
Dome: Stainless Steel
Pushbutton Contact: Nickel plated brass
Phototransistor: Planar Silicon
Detent Balls:
.0625 dia. Stainless Steel
Infrared Emitter:
Gallium Aluminum Arsenide
Label:
White Thermal Transfer Cast Film.
Adhesive Coated
Bracket: Stainless Steel, Tin plated
ORDERING INFORMATION
Encoder
6
1
2
3
4
5
6
POWER (+5.0 V)
OUTPUT B
OUTPUT A
GROUND
PUSHBUTTON
PUSHBUTTON
10K
*
10K
*
150
*
*10K
EXTERNAL PULL-UP RESISTORS REQUIRED ON PIN 3 AND PIN 4
*150
EXTERNAL RESISTOR REQUIRED ON PIN 1
HIGH
LOW
HIGH
LOW
OUTPUT A
OUTPUT B
POS.
#1
POS.
#2
POS.
#3
POS.
#4
POS.
#5
POS.
#6
POSITION
OUTPUT A
OUTPUT B
#1
#2
#3
#4
INDICATES LOGIC HIGH CODE REPEATS EVERY FOUR POSITIONS.
62PXX-XXX
62PXX-XXX
Rotational Torque: N - Non-detent
L - Low torque
H - High torque
Series
Angle of Throw: 22-16 Position (22°)
Pushbutton Force: 0 - No Pushbutton
4 - 450 grams
6 - 600 grams
Shaft Option: Blank - Standard Ø.187 Shaft
S - Ø.250 Shaft Sleeve


Similar Part No. - 62P16-H6

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62P1603 BELDEN-62P1603 Datasheet
148Kb / 2P
   Inst PVC/PVC, 3 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
62P1603-0105000 BELDEN-62P1603-0105000 Datasheet
148Kb / 2P
   Inst PVC/PVC, 3 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
62P1604 BELDEN-62P1604 Datasheet
152Kb / 2P
   Inst PVC/PVC, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
62P1604-0105000 BELDEN-62P1604-0105000 Datasheet
152Kb / 2P
   Inst PVC/PVC, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
62P160401010000 BELDEN-62P160401010000 Datasheet
152Kb / 2P
   Inst PVC/PVC, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
More results

Similar Description - 62P16-H6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T9AS1D12-12 ETC-T9AS1D12-12 Datasheet
100Kb / 3P
   Low Cost 30 Amp PC Board or Panel Mount Relay
logo
Analog Devices
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
logo
ON Semiconductor
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
   Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
logo
List of Unclassifed Man...
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
   LOW COST SURFACE MOUNT VCXOS
SME900-17 ETC-SME900-17 Datasheet
2Mb / 4P
   Low Cost Surface Mount Mixer
3022-005-P ETC2-3022-005-P Datasheet
154Kb / 4P
   PC Board Mountable Accelerometer Millivolt Output Low Cost
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
   Low cost, surface mount SOIC package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0311 AVAGO-MSA-0311 Datasheet
170Kb / 4P
   Low Cost Surface Mount Plastic Package
logo
CTS Corporation
357 CTS-357 Datasheet
501Kb / 3P
   5x7mm Low Cost Surface Mount VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com