Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1U200P1-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR1U200P1-7
Description  1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI 123
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1U200P1-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR1U200P1-7 Datasheet HTML 1Page - Diodes Incorporated SBR1U200P1-7 Datasheet HTML 2Page - Diodes Incorporated SBR1U200P1-7 Datasheet HTML 3Page - Diodes Incorporated SBR1U200P1-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR1U200P1
Document number: DS32093 Rev. 2 - 2
2 of 4
www.diodes.com
August 2010
© Diodes Incorporated
SBR1U200P1
SBR and PowerDI are registered trademarks of Diodes Incorporated.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
1.0
1.5
2.0
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0.0001
0.001
0.01
0.1
1
0
100 200 300 400 500 600
700 800 900
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.01
0.1
1
10
100
1,000
0
40
80
120
160
200
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0.1
1
10
100
10
100
1,000
f=1MHz
Fig. 5 Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Note 3
0
25
50
75
100
125
150
175
0
20
40
60
80 100 120 140 160 180 200
Fig. 6 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R


Similar Part No. - SBR1U200P1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U200P1-7 DIODES-SBR1U200P1-7 Datasheet
382Kb / 5P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1U200P1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U400P1 DIODES-SBR1U400P1 Datasheet
73Kb / 4P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI 123
DS32093 Rev. 2 - 2
SBR3U30P1 DIODES-SBR3U30P1 Datasheet
315Kb / 4P
   3.0A SBR Super Barrier Rectifier PowerDI TM 123
SBR3U30P1 Rev. 3 - 2
SBR1U400P1 DIODES-SBR1U400P1_18 Datasheet
372Kb / 5P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SA DIODES-SBR1U150SA_16 Datasheet
334Kb / 5P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U200P1 DIODES-SBR1U200P1_16 Datasheet
382Kb / 5P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1A400P1 DIODES-SBR1A400P1 Datasheet
378Kb / 5P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP_18 Datasheet
372Kb / 5P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBRT3M40P1 DIODES-SBRT3M40P1 Datasheet
508Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI®123
December 2014
SBR3U60P1Q DIODES-SBR3U60P1Q Datasheet
300Kb / 6P
   3A SBR SUPER BARRIER RECTIFIER PowerDI
SBR8M100P5 DIODES-SBR8M100P5 Datasheet
621Kb / 5P
   8A SBR SUPER BARRIER RECTIFIER PowerDI
April 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com