Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OUE8A400Y1 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OUE8A400Y1
Description  Ultraviolet (UV) Metal Can LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OUE8A400Y1 Datasheet(HTML) 1 Page - OPTEK Technologies

  OUE8A400Y1 Datasheet HTML 1Page - OPTEK Technologies OUE8A400Y1 Datasheet HTML 2Page - OPTEK Technologies OUE8A400Y1 Datasheet HTML 3Page - OPTEK Technologies OUE8A400Y1 Datasheet HTML 4Page - OPTEK Technologies OUE8A400Y1 Datasheet HTML 5Page - OPTEK Technologies OUE8A400Y1 Datasheet HTML 6Page - OPTEK Technologies OUE8A400Y1 Datasheet HTML 7Page - OPTEK Technologies OUE8A400Y1 Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2 07/09
Page 1 of 8
Ultraviolet (UV) Metal Can LED
OUE8A Series
The OUE8A Series offers an energy-efficient hermetic TO-46 metal can packaged UV LED source providing a
uniform optical light pattern, high current pulse capability, ESD protection and a long operating lifespan. Devices
have a 18o typical emission angle with peak wavelengths from 375 nm to 425 nm. In order to meet critical
wavelength requirements of the industry, the OUE8A Series is divided into groups each with a total wavelength
range of only 5 nm. Each wavelength range is subdivided into optical power output ranges from a minimum of 1.8
mW to over 17.0 mW based on power out specifications listed below.
Features:
Peak Wavelengths from 380 nm to 425 nm
Uniform Optical Light Pattern
High Pulse Current
Hermetic TO-46 Metal Can Package
RoHs Compliant—No Mercury
ESD Protected
Applications:
Adhesive-Ink Photo Catalyst Curing
Currency / Passport Validation
Spectroscopy
Forensic
Medical
RoHs
Warnings and Handling Instructions
UV-LEDs emit invisible ultraviolet radiation when in operation,
which may be harmful to eyes or skin, even for brief periods.
Do NOT look directly into the UV-LED during operation.
Be sure that you and all persons in the vicinity wear
adequate “UV” Safety protection for eyes and skin.
If you incorporate a UV-LED into a product,
be sure to provide appropriate WARNING labels.
ESD Level ≥ 8,000 V
Part Number Guide
OUE8 A XXX Y 1
Optek UV TO-46 LED Series
Packaging 1 – Tray Pack
Power Output (mW) - A through J
Sequence Numbers (A→Z)
Wavelength (nm) Identifier
Part Number
Emission
Angle
Peak Wavelength (nm)
IF = 100 mA
Optical Power Output (mW)
IF = 100 mA
18
Range
Minimum
Maximum
OUE8A385Y1
380 to 385
1.8
8.1
OUE8A390Y1
385 to 390
1.8
8.1
OUE8A395Y1
390 to 395
3.1
9.8
OUE8A400Y1
395 to 400
5.8
13.4
OUE8A410Y1
405 to 410
5.8
13.4
OUE8A425Y1
420 to 425
7.3
15.4
OUE8A380Y1
375 to 380
1.8
8.1
OUE8A405Y1
400 to 405
5.8
13.4
OUE8A415Y1
410 to 415
7.3
15.4
OUE8A420Y1
415 to 420
7.3
15.4


Similar Part No. - OUE8A400Y1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OUE8A400Y1 TTELEC-OUE8A400Y1 Datasheet
417Kb / 8P
   Ultraviolet (UV) Metal Can LED
More results

Similar Description - OUE8A400Y1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OUE8A TTELEC-OUE8A Datasheet
417Kb / 8P
   Ultraviolet (UV) Metal Can LED
logo
Marktech Corporate
MT3700W-UV MARKTECH-MT3700W-UV Datasheet
57Kb / 2P
   Metal Can UV Emitterr
MT3700P-UV MARKTECH-MT3700P-UV Datasheet
55Kb / 2P
   Metal Can UV Emitter
logo
List of Unclassifed Man...
SG01S ETC1-SG01S Datasheet
188Kb / 4P
   Ultraviolet selective SiC based UV sensor
logo
LUMEX INC.
SSL-LXTO46UV3C LUMEX-SSL-LXTO46UV3C Datasheet
100Kb / 1P
   415mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C-F LUMEX-SSL-LXTO46UV2C-F Datasheet
76Kb / 1P
   405mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C Datasheet
100Kb / 1P
   405mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46375C LUMEX-SSL-LXTO46375C Datasheet
92Kb / 1P
   377nm UV LED, TO-46 CAN PACKAGE.
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C_11 Datasheet
103Kb / 1P
   405nm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46355C LUMEX-SSL-LXTO46355C Datasheet
92Kb / 1P
   355nm UV LED, TO-46 CAN PACKAGE.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com