Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM60 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM60
Description  Compatible with PCI Express Mini Card
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM60 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  MM60 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MB-0147-3
4/6
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Connector side: MM60-52B1-E1 (SJ105219)   
Embossed Tape Product: MM60-52B1-E*-R650 (SJ105220)
Latch side: MM60-EZH059-B5 (SJ105221)
Embossed Tape Product: MM60-EZH059-B5-R650 (SJ105222)


Similar Part No. - MM60

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM60-52B-B-R850 JAE-MM60-52B-B-R850 Datasheet
162Kb / 1P
   CARRIER TAPE POLYSTYRENE
MM60-52B1-B1R50 JAE-MM60-52B1-B1R50 Datasheet
5Mb / 7P
   0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
MM60-52B1-B1R850 JAE-MM60-52B1-B1R850 Datasheet
5Mb / 7P
   0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
MM60-52B1-E1 JAE-MM60-52B1-E1 Datasheet
244Kb / 1P
   TOP SIDE CONTACT COPPER ALLOY
MM60-52B1-E2 JAE-MM60-52B1-E2 Datasheet
244Kb / 1P
   TOP SIDE CONTACT COPPER ALLOY
More results

Similar Description - MM60

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
   Compatible With PCI Express Mini Card
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
MANO830 AXIOMTEK-MANO830_16 Datasheet
294Kb / 1P
   PCI Express Mini Card supported
MANO830 AXIOMTEK-MANO830 Datasheet
274Kb / 1P
   PCI Express Mini Card supported
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
CAPA801 AXIOMTEK-CAPA801_14 Datasheet
508Kb / 2P
   PCI Express Mini Card expansion
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
   Docking Connector Compatible with PCI Express
logo
Japan Aviation Electron...
MM60-52B1-B1R850 JAE-MM60-52B1-B1R850 Datasheet
5Mb / 7P
   0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com