Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS658621DZGUR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS658621DZGUR
Description  Advanced Power Management Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658621DZGUR Datasheet(HTML) 1 Page - Texas Instruments

  TPS658621DZGUR Datasheet HTML 1Page - Texas Instruments TPS658621DZGUR Datasheet HTML 2Page - Texas Instruments TPS658621DZGUR Datasheet HTML 3Page - Texas Instruments TPS658621DZGUR Datasheet HTML 4Page - Texas Instruments TPS658621DZGUR Datasheet HTML 5Page - Texas Instruments TPS658621DZGUR Datasheet HTML 6Page - Texas Instruments TPS658621DZGUR Datasheet HTML 7Page - Texas Instruments TPS658621DZGUR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPS658621D
www.ti.com
SLVSAJ3 – AUGUST 2010
Advanced Power Management Unit
Check for Samples: TPS658621D
1
INTRODUCTION
1.1
MAIN FEATURES
12
– Power Good Monitoring on all Supply
• INTEGRATED POWER SUPPLIES
Outputs
– 3 Programmable Step-Down converters
– Software Reset Function
Software Controlled Enable/Forced PWM
– Hardware On/Off and Reboot Control
Mode
– Momentary Power Loss (MPL) support
Automatic Power Saving Mode
– AUTOBOOT support
Maximum 1.5 A Outputs (SM0 and SM2)
– 11 Channel ADC With 3 Operating Modes
Maximum 2.0 A Output (SM1)
Single Conversion
– 11 Programmable General Purpose LDOs
Peak Detection
7 With Output Voltages of 1.25V to 3.3V
Averaging
2 With Output Voltages of 0.725V to 1.5V
or 1.25V to 2.586V (factory configurable)
1 “Always On” With Output Voltages of
1.2
APPLICATIONS
1.25V to 3.3V
Netbooks
1 With Output Voltage of 1.70V–2.475V
Portable Navigation Devices
• DISPLAY SUPPORT FUNCTIONS
Portable Media Players
– 4 PWM Outputs With Programmable
Frequency and Duty Cycle
– Dual RGB LED Drivers
– Constant Current WLED Driver
26.5V (max) at 25mA
Over-Voltage Protection
Programmable Current Level and
Brightness Control
• HOST INTERFACE
– Interrupt Controller With Maskable Interrupts
– External ADC Triggering and Step-Down
Converter Mode Control
• SYSTEM MANAGEMENT
– Dual Input Power Path
USB Current Limiting
Max 18V Over-Voltage Protection
1.3
DESCRIPTION
The TPS658621D provides an easy to use, fully integrated solution for handheld devices, integrating
charge management, multiple regulated power supplies, system management and display functions in a
small package. The I2C™ interface enables control of a wide range of subsystem parameters. Internal
registers have a complete set of status information, enabling easy diagnostics and host-controlled
handling of fault conditions.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP B. V Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS658621DZGUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI1-TPS658621A Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658621DZGUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com