Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61251DSGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61251DSGR
Description  BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61251DSGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61251DSGR Datasheet HTML 7Page - Texas Instruments TPS61251DSGR Datasheet HTML 8Page - Texas Instruments TPS61251DSGR Datasheet HTML 9Page - Texas Instruments TPS61251DSGR Datasheet HTML 10Page - Texas Instruments TPS61251DSGR Datasheet HTML 11Page - Texas Instruments TPS61251DSGR Datasheet HTML 12Page - Texas Instruments TPS61251DSGR Datasheet HTML 13Page - Texas Instruments TPS61251DSGR Datasheet HTML 14Page - Texas Instruments TPS61251DSGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
(
)
OUT
IN
DS(on)
OUT
V
V
DCR
r
I
=
-
+
g
TPS61251
www.ti.com
SLVSAF7 – SEPTEMBER 2010
charging the capacitor with a constant current set by resistor RILIM. During constant current charging power
dissipation in the TPS61251 is increased resulting in a thermal rise or heating of the device. If the output
capacitor is very large charging time can be long and thermal rise high. To prevent overheating of the device
during the charge phase the current will be limited to a lower value when device temperature is high. Please refer
to THERMAL REGULATION.
POWER-SAVE MODE
The TPS61251 integrates a power save mode to improve efficiency at light load. In power save mode the
converter only operates when the output voltage trips below a set threshold voltage. It ramps up the output
voltage with several pulses and goes into power save mode once the output voltage exceeds the set threshold
voltage. During the power save operation when the output voltage is above the set threshold the converter turns
off some of the inner circuits to save energy.
The PFM mode is left and PWM mode entered in case the output current can not longer be supported in PFM
mode.
SNOOZE MODE
During this enhanced power save mode, the converter will still maintain the output voltage with a tolerance of
±2%. The operating current in snooze mode, is however, drastically reduced to a typical value of 2 mA. This will
be achieved by turning off as much as possible of the inner regulation circuits. Load current in snooze mode is
limited to 2 mA. If the load current increases above 2 mA, the controller recognizes a further drop of the output
voltage and the device turns on again in order to charge the output capacitor to the programmed output voltage
again.
100% DUTY-CYCLE MODE
If VIN > VOUT the TPS61251 offers the lowest possible input-to-output voltage difference while still maintaining
current limit operation with the use of the 100% duty-cycle mode. In this mode, the PMOS switch is constantly
turned on. During this operation the output voltage follows the input voltage and will not fall below the
programmed value if the input voltage decreases below VOUT. The output voltage drop during 100% mode
depends on the load current and input voltage, and the resulting output voltage is calculated as:
(3)
with:
DCR is the DC resistance of the inductor
rDS(on) is the typical on-resistance of the PMOS switch
ENABLE
The device is enabled by setting EN pin to a voltage above 1 V. At first, the internal reference is activated and
the internal analog circuits are settled. Afterwards, the softstart is activated and the output voltage ramps up. The
output voltage reaches its nominal value as fast as the current limit settings and the load condition allows it.
The EN input can be used to control power sequencing in a system with several DC/DC converters. The EN pin
can be connected to the output of another converter, to drive the EN pin high and getting a sequencing of supply
rails. With EN = GND, the device enters shutdown mode.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61251


Similar Part No. - TPS61251DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61251 TI-TPS61251_15 Datasheet
424Kb / 24P
[Old version datasheet]   TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
More results

Similar Description - TPS61251DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61251 TI-TPS61251_15 Datasheet
424Kb / 24P
[Old version datasheet]   TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
TPS65510 TI-TPS65510 Datasheet
824Kb / 19P
[Old version datasheet]   LOW-POWER BATTERY BACKUP IC WITH INTEGRATED BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
Shenzhen Huazhimei Semi...
HM5063 HMSEMI-HM5063 Datasheet
1Mb / 11P
   constant current/constant voltage charging for single-cell lithium battery
logo
Texas Instruments
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
   Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com