Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A4256S-C1UT Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT32UC3A4256S-C1UT
Description  32-bit AVR짰Microcontroller
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A4256S-C1UT Datasheet(HTML) 3 Page - ATMEL Corporation

  AT32UC3A4256S-C1UT Datasheet HTML 1Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 2Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 3Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 4Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 5Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A4256S-C1UT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
3
32072C–AVR32–2010/03
AT32UC3A3/A4
1.
Description
The AT32UC3A3/A4 is a complete System-On-Chip microcontroller based on the AVR32 UC
RISC processor running at frequencies up to 66MHz. AVR32 UC is a high-performance 32-bit
RISC microprocessor core, designed for cost-sensitive embedded applications, with particular
emphasis on low power consumption, high code density and high performance.
The processor implements a Memory Protection Unit (MPU) and a fast and flexible interrupt con-
troller for supporting modern operating systems and real-time operating systems. Higher
computation capabilities are achievable using a rich set of DSP instructions.
The AT32UC3A3/A4 incorporates on-chip Flash and SRAM memories for secure and fast
access. 64 KBytes of SRAM are directly coupled to the AVR32 UC for performances optimiza-
tion. Two blocks of 32 Kbytes SRAM are independently attached to the High Speed Bus Matrix,
allowing real ping-pong management.
The Peripheral Direct Memory Access Controller (PDCA) enables data transfers between
peripherals and memories without processor involvement. The PDCA drastically reduces pro-
cessing overhead when transferring continuous and large data streams.
The Power Manager improves design flexibility and security: the on-chip Brown-Out Detector
monitors the power supply, the CPU runs from the on-chip RC oscillator or from one of external
oscillator sources, a Real-Time Clock and its associated timer keeps track of the time.
The device includes two sets of three identical 16-bit Timer/Counter (TC) channels. Each chan-
nel can be independently programmed to perform frequency measurement, event counting,
interval measurement, pulse generation, delay timing and pulse width modulation. 16-bit chan-
nels are combined to operate as 32-bit channels.
The AT32UC3A3/A4 also features many communication interfaces for communication intensive
applications like UART, SPI or TWI. Additionally, a flexible Synchronous Serial Controller (SSC)
is available. The SSC provides easy access to serial communication protocols and audio stan-
dards like I2S.
The AT32UC3A3/A4 includes a powerfull External Bus Interface to interface all standard mem-
ory device like SRAM, SDRAM, NAND Flash or parallel interfaces like LCD Module.
The peripheral set includes a High Speed MCI for SDIO/SD/MMC and a hardware encryption
module based on AES algorithm.
The device embeds a 10-bit ADC and a Digital Audio bistream DAC.
The Direct Memory Access controller (DMACA) allows high bandwidth data flows between high
speed peripherals (USB, External Memories, MMC, SDIO, ...) and through high speed internal
features (AES, internal memories).
The High-Speed (480MBit/s) USB 2.0 Device and Host interface supports several USB Classes
at the same time thanks to the rich Endpoint configuration. The On-The-Go (OTG) Host interface
allows device like a USB Flash disk or a USB printer to be directly connected to the processor.
This periphal has its own dedicated DMA and is perfect for Mass Storage application.
AT32UC3A3/A4 integrates a class 2+ Nexus 2.0 On-Chip Debug (OCD) System, with non-intru-
sive real-time trace, full-speed read/write memory access in addition to basic runtime control.


Similar Part No. - AT32UC3A4256S-C1UT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A4256S-C1UT ATMEL-AT32UC3A4256S-C1UT Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A4256S-C1UT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_2 Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_10 Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com