Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5960 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5960 Datasheet HTML 1Page - Texas Instruments TLC5960 Datasheet HTML 2Page - Texas Instruments TLC5960 Datasheet HTML 3Page - Texas Instruments TLC5960 Datasheet HTML 4Page - Texas Instruments TLC5960 Datasheet HTML 5Page - Texas Instruments TLC5960 Datasheet HTML 6Page - Texas Instruments TLC5960 Datasheet HTML 7Page - Texas Instruments TLC5960 Datasheet HTML 8Page - Texas Instruments TLC5960 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLC5960
VADJ
EN
CTRL[1:4]
HVM[1:4]
XFLT
VREG5
VIN
D1 G1 S1
D2
D8
G2
G8
S2
S8
Ch1
Ch2
Ch8
DC/DC4
DC/DC3
DC/DC2
DC/DC1
V
LED1
V
LED4
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
Eight-Channel LED Driver
with Intelligent Headroom Voltage Monitor (iHVM™)
Check for Samples: TLC5960
1
FEATURES
Full Protection/Diagnostic Functions:
23
250kHz PWM Dimming
LOD: LED Open Detection
Four Intelligent Headroom Voltage Monitor
LSD: LED Short Detection
(iHVM) Outputs
FOD: FET Open Detection
Eight-Channel, High-Voltage LED Driver:
FSD: FET Short Detection
0.3% (typ) Accuracy Between Channels
Built-In Phase Shift Function
Control Interface with Four PWM Inputs
38-Pin TSSOP Package
Easy-To-Use Analog Dimming Interface
APPLICATIONS
10% to 100% Analog Brightness Dimming
LED Backlights for LCD-TV
Integrated 5V Internal Regulator
High-Current LED Lighting
Integrated Power-On Reset (POR) Circuitry
DESCRIPTION
The TLC5960 is an eight-channel PWM LED driver with four intelligent headroom voltage monitor (iHVM)
outputs. The LED drivers have scalable, high-voltage capability and provide 1% maximum current matching
accuracy between LED strings. To achieve optimal efficiency, the iHVM automatically optimizes the external
dc/dc converter output voltage to compensate for the forward-voltage variations of the LED
Compared to a conventional HVM solution that requires several MOSFETs, capacitors, and resistors, the iHVM
is designed to use only a single external resistor. The LED driver design is capable of up to 250kHz PWM
dimming, and also provides an analog brightness dimming interface. This device easily adapts to various LED
and power configurations with a single voltage input rail. Full protection and diagnostic functions are provided to
protect the entire system, such as LED open/short detection (LOD/LSD), FET open/short detection (FOD/FSD)
and thermal shutdown (TSD). In case of failure, the TLC5960 automatically disconnects the failed channel(s)
from the operating channels and pulls down the open drain fault buffer (XFLT) to signal an error status. iHVM™
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
iHVM is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5902 TI-TLC5902 Datasheet
306Kb / 22P
[Old version datasheet]   LED DRIVER
TLC5902 TI1-TLC5902 Datasheet
334Kb / 23P
[Old version datasheet]   LED DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDBQR TI-TLC59025IDBQR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDWR TI-TLC59025IDWR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5960

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CD1865 INTEL-CD1865 Datasheet
1Mb / 150P
   Intelligent Eight-Channel Communications Controller
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
logo
National Semiconductor ...
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
   Eight Input IEEE 1149.1 Analog Voltage Monitor
SCANSTA476_0508 NSC-SCANSTA476_0508 Datasheet
501Kb / 7P
   Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED04D01 CYPRESS-CY8CLED04D01_11 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com