Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1198CZXGT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1198CZXGT
Description  Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1198CZXGT Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1198CZXGT Datasheet HTML 11Page - Texas Instruments ADS1198CZXGT Datasheet HTML 12Page - Texas Instruments ADS1198CZXGT Datasheet HTML 13Page - Texas Instruments ADS1198CZXGT Datasheet HTML 14Page - Texas Instruments ADS1198CZXGT Datasheet HTML 15Page - Texas Instruments ADS1198CZXGT Datasheet HTML 16Page - Texas Instruments ADS1198CZXGT Datasheet HTML 17Page - Texas Instruments ADS1198CZXGT Datasheet HTML 18Page - Texas Instruments ADS1198CZXGT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
ADS1194
ADS1196
ADS1198
www.ti.com
SBAS471A – APRIL 2010 – REVISED SEPTEMBER 2010
OVERVIEW
The
ADS1194/6/8
are
low-power,
multichannel,
simultaneously-sampling,
16-bit
delta-sigma
(
ΔΣ)
analog-to-digital converters (ADCs) with integrated programmable gain amplifiers (PGAs). These devices
integrate various ECG-specific functions that make them well-suited for scalable electrocardiogram (ECG),
electroencephalography (EEG), and electromyography (EMG) applications. The devices can also be used in
high-performance, multichannel data acquisition systems by powering down the ECG-specific circuitry.
The ADS1194/6/8 have a highly programmable multiplexer that allows for temperature, supply, input short, and
RLD measurements. Additionally, the multiplexer allows any of the input electrodes to be programmed as the
patient reference drive. The PGA gain can be chosen from one of seven settings (1, 2, 3, 4, 6, 8, and 12). The
ADCs in the device offer data rates from 125SPS to 8kSPS. Communication to the device is accomplished using
an SPI-compatible interface. The device provides four GPIO pins for general use. Multiple devices can be
synchronized using the START pin.
The internal reference can be programmed to either 2.4V or 4V. The internal oscillator generates a 2.048MHz
clock. The versatile right leg drive (RLD) block allows the user to choose the average of any combination of
electrodes to generate the patient drive signal. Lead-off detection can be accomplished either by using a
pull-up/pull-down resistor or a current source/sink. An internal ac lead-off detection feature is also available. The
device supports both hardware pace detection and software pace detection. The Wilson center terminal (WCT)
block can be used to generate the WCT point of the standard 12-lead ECG.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Similar Part No. - ADS1198CZXGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1198CZXGT TI1-ADS1198CZXGT Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1198CZXGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com