Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA324A-MCHR Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA324A-MCHR
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA324A-MCHR Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA324A-MCHR Datasheet HTML 1Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 2Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 3Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 4Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 5Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 6Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 7Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 8Page - ATMEL Corporation ATMEGA324A-MCHR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
8272AS–AVR–01/10
164A/164PA/324A/324PA/644A/644PA/1284/1284P
1.2
Pinout - DRQFN for ATmega164A/164PA/324A/324PA
Figure 1-2.
DRQFN - Pinout
Table 1-1.
DRQFN - Pinout
A1
PB5
A7
PD3
A13
PC4
A19
PA3
B1
PB6
B6
PD4
B11
PC5
B16
PA2
A2
PB7
A8
PD5
A14
PC6
A20
PA1
B2
RESET
B7
PD6
B12
PC7
B17
PA0
A3
VCC
A9
PD7
A15
AVCC
A21
VCC
B3
GND
B8
VCC
B13
GND
B18
GND
A4
XTAL2
A10
GND
A16
AREF
A22
PB0
B4
XTAL1
B9
PC0
B14
PA7
B19
PB1
A5
PD0
A11
PC1
A17
PA6
A23
PB2
B5
PD1
B10
PC2
B15
PA5
B20
PB3
A6
PD2
A12
PC3
A18
PA4
A24
PB4
Top view
Bottom view
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
A18
B15
A17
B14
A16
B13
A15
B12
A14
B11
A13
A18
B15
A17
B14
A16
B13
A15
B12
A14
B11
A13
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6


Similar Part No. - ATMEGA324A-MCHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA324A ATMEL-ATMEGA324A Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA324A ATMEL-ATMEGA324A_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
More results

Similar Description - ATMEGA324A-MCHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164PA ATMEL-ATMEGA164PA_09 Datasheet
635Kb / 30P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATMEGA164A ATMEL-ATMEGA164A_11 Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA164PA ATMEL-ATMEGA164PA_1 Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com