Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A3128-CTUT Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT32UC3A3128-CTUT
Description  32-bit AVR짰Microcontroller
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A3128-CTUT Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT32UC3A3128-CTUT Datasheet HTML 3Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 4Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 5Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 9Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 10Page - ATMEL Corporation AT32UC3A3128-CTUT Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
7
32072C–AVR32–2010/03
AT32UC3A3/A4
GCLK[2:0]
Generic Clock Pins
Output
RESET_N
Reset Pin
Input
Low
DMA Controller - DMACA (optional)
DMAACK[1:0]
DMA Acknowledge
Output
DMARQ[1:0]
DMA Requests
Input
External Interrupt Module - EIM
EXTINT[7:0]
External Interrupt Pins
Input
KPS0 - KPS7
Keypad Scan Pins
Output
NMI_N
Non-Maskable Interrupt Pin
Input
Low
General Purpose Input/Output pin - GPIOA, GPIOB, GPIOC, GPIOX
PA[31:0]
Parallel I/O Controller GPIOA
I/O
PB[11:0]
Parallel I/O Controller GPIOB
I/O
PC[5:0]
Parallel I/O Controller GPIOC
I/O
PX[59:0]
Parallel I/O Controller GPIO X
I/O
External Bus Interface - EBI
ADDR[23:0]
Address Bus
Output
CAS
Column Signal
Output
Low
CFCE1
Compact Flash 1 Chip Enable
Output
Low
CFCE2
Compact Flash 2 Chip Enable
Output
Low
CFRNW
Compact Flash Read Not Write
Output
DATA[15:0]
Data Bus
I/O
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
NCS[5:0]
Chip Select
Output
Low
NRD
Read Signal
Output
Low
NWAIT
External Wait Signal
Input
Low
NWE0
Write Enable 0
Output
Low
NWE1
Write Enable 1
Output
Low
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32UC3A3128-CTUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3128-CTUT ATMEL-AT32UC3A3128-CTUT Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32UC3A3128-CTUT ATMEL-AT32UC3A3128-CTUT Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A3128-CTUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_2 Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_10 Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com