Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2140AIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 5 Page - Texas Instruments

  OPA2140AIDR Datasheet HTML 1Page - Texas Instruments OPA2140AIDR Datasheet HTML 2Page - Texas Instruments OPA2140AIDR Datasheet HTML 3Page - Texas Instruments OPA2140AIDR Datasheet HTML 4Page - Texas Instruments OPA2140AIDR Datasheet HTML 5Page - Texas Instruments OPA2140AIDR Datasheet HTML 6Page - Texas Instruments OPA2140AIDR Datasheet HTML 7Page - Texas Instruments OPA2140AIDR Datasheet HTML 8Page - Texas Instruments OPA2140AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
1
2
3
4
8
7
6
5
V+
OutB
-InB
+InB
OUTA
-InA
+InA
V-
A
B
1
2
3
4
8
7
6
5
NC
(1)
V+
Out
NC
(1)
NC
(1)
-In
+In
V-
(1)NCdenotesnointernalconnection.
1
2
3
5
4
V+
-IN
OUT
V-
+IN
OutA
-InA
+InA
V+
+InB
-InB
OutB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
A
B
C
OutD
-InD
+InD
V-
+InC
-InC
OutC
IN-
Pre-OutputDriver
OUT
IN+
V+
V-
OPA140
OPA2140, OPA4140
www.ti.com
SBOS498A – JULY 2010 – REVISED AUGUST 2010
PIN ASSIGNMENTS
OPA140
OPA2140
SO-8, MSOP-8
SO-8, MSOP-8
(TOP VIEW)
(TOP VIEW)
OPA4140
SO-14, TSSOP-14
(TOP VIEW)
OPA140
SOT23-5
(TOP VIEW)
SIMPLIFIED BLOCK DIAGRAM
Figure 1.
Copyright © 2010, Texas Instruments Incorporated
5
Product Folder Link(s): OPA140 OPA2140 OPA4140


Similar Part No. - OPA2140AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2140AIDR TI1-OPA2140AIDR Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
OPA2140AIDR TI-OPA2140AIDR Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA2140AIDR TI-OPA2140AIDR Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA2140AIDRGR TI-OPA2140AIDRGR Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA2140AIDRGT TI-OPA2140AIDRGT Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
More results

Similar Description - OPA2140AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com