Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA88PA-MU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA88PA-MU
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88PA-MU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA88PA-MU Datasheet HTML 6Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 9Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 10Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 11Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 12Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 13Page - ATMEL Corporation ATMEGA88PA-MU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
8271BS–AVR–04/10
ATmega48A/48PA/88A/88PA/168A/168PA/328/328P
(0x7F)
DIDR1
–AIN1D
AIN0D
250
(0x7E)
DIDR0
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
267
(0x7D)
Reserved
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX3
MUX2
MUX1
MUX0
263
(0x7B)
ADCSRB
–ACME
ADTS2
ADTS1
ADTS0
266
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
264
(0x79)
ADCH
ADC Data Register High byte
266
(0x78)
ADCL
ADC Data Register Low byte
266
(0x77)
Reserved
(0x76)
Reserved
(0x75)
Reserved
(0x74)
Reserved
(0x73)
Reserved
(0x72)
Reserved
(0x71)
Reserved
(0x70)
TIMSK2
OCIE2B
OCIE2A
TOIE2
164
(0x6F)
TIMSK1
–ICIE1
OCIE1B
OCIE1A
TOIE1
140
(0x6E)
TIMSK0
OCIE0B
OCIE0A
TOIE0
112
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
75
(0x6C)
PCMSK1
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
75
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
75
(0x6A)
Reserved
(0x69)
EICRA
–ISC11
ISC10
ISC01
ISC00
72
(0x68)
PCICR
PCIE2
PCIE1
PCIE0
(0x67)
Reserved
(0x66)
OSCCAL
Oscillator Calibration Register
37
(0x65)
Reserved
(0x64)
PRR
PRTWI
PRTIM2
PRTIM0
PRTIM1
PRSPI
PRUSART0
PRADC
42
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
37
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
55
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
9
0x3E (0x5E)
SPH
(SP10) 5.
SP9
SP8
12
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
12
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
SPMIE
(RWWSB)5.
(RWWSRE)5.
BLBSET
PGWRT
PGERS
SELFPRGEN
294
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
–BODS(6)
BODSE(6)
PUD
IVSEL
IVCE
45/69/93
0x34 (0x54)
MCUSR
WDRF
BORF
EXTRF
PORF
55
0x33 (0x53)
SMCR
–SM2
SM1
SM0
SE
40
0x32 (0x52)
Reserved
0x31 (0x51)
Reserved
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
248
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPI Data Register
176
0x2D (0x4D)
SPSR
SPIF
WCOL
SPI2X
175
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
174
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
25
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
25
0x29 (0x49)
Reserved
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
0x26 (0x46)
TCNT0
Timer/Counter0 (8-bit)
0x25 (0x45)
TCCR0B
FOC0A
FOC0B
WGM02
CS02
CS01
CS00
0x24 (0x44)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
–WGM01
WGM00
0x23 (0x43)
GTCCR
TSM
PSRASY
PSRSYNC
144/166
0x22 (0x42)
EEARH
(EEPROM Address Register High Byte) 5.
21
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
21
0x20 (0x40)
EEDR
EEPROM Data Register
21
0x1F (0x3F)
EECR
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
21
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
25
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA88PA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88PA-MU ATMEL-ATMEGA88PA-MU Datasheet
388Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
logo
Microchip Technology
ATMEGA88PA-MU MICROCHIP-ATMEGA88PA-MU Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA88PA-MU ATMEL-ATMEGA88PA-MU Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
logo
Microchip Technology
ATMEGA88PA-MUR MICROCHIP-ATMEGA88PA-MUR Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA88PA-MUR ATMEL-ATMEGA88PA-MUR Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
More results

Similar Description - ATMEGA88PA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_08 Datasheet
420Kb / 26P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
   8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com