Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA140AIDGKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140AIDGKT
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA140AIDGKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA140AIDGKT Datasheet HTML 3Page - Texas Instruments OPA140AIDGKT Datasheet HTML 4Page - Texas Instruments OPA140AIDGKT Datasheet HTML 5Page - Texas Instruments OPA140AIDGKT Datasheet HTML 6Page - Texas Instruments OPA140AIDGKT Datasheet HTML 7Page - Texas Instruments OPA140AIDGKT Datasheet HTML 8Page - Texas Instruments OPA140AIDGKT Datasheet HTML 9Page - Texas Instruments OPA140AIDGKT Datasheet HTML 10Page - Texas Instruments OPA140AIDGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Offset Voltage ( V)
m
Offset Voltage Drift ( V/ C)
m
°
-18
-12
-6
0
6
12
V
(V)
CM
120
100
80
60
40
20
0
20
40
60
80
-
-
-
-
-
-
100
120
18 Typical Units Shown
18
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature ( C)
?
160
120
80
40
0
40
80
120
160
-
-
-
-
10
8
6
4
2
0
-18 -15 -12
-9
-6
-3
0
3
6
9
12
15
18
V
(V)
CM
-0.1V
+14.5V
Specified Common-Mode
Voltage Range
+I
B
-IB
0
10
20
30
40
50
60
70
Output Current (mA)
+85 C
°
+25 C
°
18.0
17.5
17.0
16.5
16.0
-16.0
16.5
17.0
17.5
18.0
-
-
-
-
+125 C
°
-40 C
°
OPA140
OPA2140, OPA4140
www.ti.com
SBOS498A – JULY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±18V, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 2.
Figure 3.
INPUT OFFSET VOLTAGE vs TEMPERATURE
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
(144 Amplifiers)
Figure 4.
Figure 5.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
IB vs COMMON-MODE VOLTAGE
(MAX SUPPLY)
Figure 6.
Figure 7.
Copyright © 2010, Texas Instruments Incorporated
7
Product Folder Link(s): OPA140 OPA2140 OPA4140


Similar Part No. - OPA140AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140AIDGKT TI1-OPA140AIDGKT Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
OPA140AIDGKT TI-OPA140AIDGKT Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA140AIDGKT TI-OPA140AIDGKT Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
More results

Similar Description - OPA140AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com