Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A210W Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A210W
Description  SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTD08A210W Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTD08A210W Datasheet HTML 6Page - Texas Instruments PTD08A210W Datasheet HTML 7Page - Texas Instruments PTD08A210W Datasheet HTML 8Page - Texas Instruments PTD08A210W Datasheet HTML 9Page - Texas Instruments PTD08A210W Datasheet HTML 10Page - Texas Instruments PTD08A210W Datasheet HTML 11Page - Texas Instruments PTD08A210W Datasheet HTML 12Page - Texas Instruments PTD08A210W Datasheet HTML 13Page - Texas Instruments PTD08A210W Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PTD08A210W
SLTS300 – SEPTEMBER 2010
www.ti.com
Fusion Digital Power Graphical User Interface (GUI)
When using the UCD92x0 digital controller along with digital PowerTrain modules to design a digital power
system, several internal parameters of the modules are required to run the Fusion Digital Power Designer GUI.
See the plant parameters below for the PTD08A210W digital PowerTrain modules.
Table 1. PTD08A210W Plant Parameters
PTD08A210W Plant Parameters
L (µH)
DCR (m
Ω)
RDS(on)-high (mΩ)
RDS(on)-low (mΩ)
0.47
2.6
15.5
6.5
Internal output capacitance is present on the digital PowerTrain modules themselves. When using the GUI
interface this capacitance information must be included along with any additional external capacitance. See the
capacitor parameters below for the PTD08A210W digital PowerTrain modules.
Table 2. PTD08A210W Capacitor Parameters
PTD08A210W Capacitor Parameters
C (µF)
ESR (m
Ω)
ESL (nH)
Quantity
47
1.5
2.5
1
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PTD08A210W


Similar Part No. - PTD08A210W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A006WAD TI1-PTD08A006WAD Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI1-PTD08A010W Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
PTD08A010WAD TI1-PTD08A010WAD Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A210W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com