Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10C-7SX Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF22V10C-7SX
Description  High-performance Electrically Erasable Programmable Logic Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-7SX Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF22V10C-7SX Datasheet HTML 1Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 2Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 3Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 4Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 8Page - ATMEL Corporation ATF22V10C-7SX Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
0735U–PLD–7/10
Atmel ATF22V10C(Q)
3.
Absolute Maximum Ratings*
4.
DC and AC Operating Conditions
Temperature under Bias ................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reli-
ability.
Note:
1. Minimum voltage is -0.6V DC, which may undershoot to -
2.0V for pulses of less than 20ns.
Maximum output pin voltage is V
CC + 0.75V DC, which
may overshoot to 7.0V for pulses of less than 20ns.
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground...........................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
during Programming ......................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground.........................-2.0V to +14.0V(1)
Commercial
Industrial
Military
Operating Temperature (Ambient)
0°C - 70°C
-40°C - 85°C
-55°C - 125°C (case)
V
CC Power Supply
5V
±5%
5V
± 10%
5V
± 10%


Similar Part No. - ATF22V10C-7SX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-7SX ATMEL-ATF22V10C-7SX Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF22V10C-7SX ATMEL-ATF22V10C-7SX Datasheet
457Kb / 23P
   High performance EE PLD
More results

Similar Description - ATF22V10C-7SX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CZ ATMEL-ATF22V10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com