Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE504 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE504
Description  Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVPE504 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVPE504 Datasheet HTML 6Page - Texas Instruments SN65LVPE504 Datasheet HTML 7Page - Texas Instruments SN65LVPE504 Datasheet HTML 8Page - Texas Instruments SN65LVPE504 Datasheet HTML 9Page - Texas Instruments SN65LVPE504 Datasheet HTML 10Page - Texas Instruments SN65LVPE504 Datasheet HTML 11Page - Texas Instruments SN65LVPE504 Datasheet HTML 12Page - Texas Instruments SN65LVPE504 Datasheet HTML 13Page - Texas Instruments SN65LVPE504 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Y = 8", 5milSL on
FR4
CH
X = 40", 4milSL on
FR4
AWG*
JitterMeasurement
A1
5 GbpsSignalGen.
K28.5 pattern, 800mVpp
2"
2"
Y = 23", 5milSL on
FR4
CH
X = 25", 4milSL on
FR4
AWG*
JitterMeasurement
A2
B
5 GbpsSignalGen.
K28.5 pattern, 800mVpp
2"
2"
1-bit
1 toNbits
1-bit
1 toNbits
DiffVppTX
DiffVppTX_DE
Vcm
tDE
tDE
-3.4dB
-6.2dB
-10.3dB
DEx = 1;
OSx = NC
DEx = 0;
OSx = NC
DEx/OSx = NC
SN65LVPE504
SLLSE46 – SEPTEMBER 2010
www.ti.com
Figure 8. Jitter Measurement Setup
Figure 9. Output De-Emphasis Levels
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN65LVPE504


Similar Part No. - SN65LVPE504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE504 TI1-SN65LVPE504 Datasheet
3Mb / 20P
[Old version datasheet]   Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
SN65LVPE504RUAR TI1-SN65LVPE504RUAR Datasheet
3Mb / 20P
[Old version datasheet]   Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
SN65LVPE504 TI1-SN65LVPE504_13 Datasheet
3Mb / 20P
[Old version datasheet]   Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
More results

Similar Description - SN65LVPE504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE504 TI1-SN65LVPE504_13 Datasheet
3Mb / 20P
[Old version datasheet]   Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
logo
Texas Instruments
DS160PR410 TI1-DS160PR410_V01 Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
logo
Maxim Integrated Produc...
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
logo
Texas Instruments
SN75LVPE4410 TI1-SN75LVPE4410 Datasheet
1Mb / 29P
[Old version datasheet]   SN75LVPE4410 Quad-Channel PCI Express 4.0 Linear Redriver
SN75LVPE3410 TI1-SN75LVPE3410 Datasheet
1Mb / 29P
[Old version datasheet]   SN75LVPE3410 Quad-Channel PCI-Express 3.0 Linear Redriver
JUNE 2023
logo
Pericom Semiconductor C...
PI2PCIE2422 PERICOM-PI2PCIE2422 Datasheet
683Kb / 10P
   PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
PI2EQX4402 PERICOM-PI2EQX4402 Datasheet
416Kb / 7P
   2.5Gbps x2 Lane Serial PCI Express Repeater/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com