Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY20-MMHR Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATTINY20-MMHR
Description  8-bit Microcontroller with 2K Bytes In-System Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY20-MMHR Datasheet(HTML) 1 Page - ATMEL Corporation

  ATTINY20-MMHR Datasheet HTML 1Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 2Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 3Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 4Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 5Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 6Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 7Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 8Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
High Performance, Low Power AVR® 8-Bit Microcontroller
Advanced RISC Architecture
– 54 Powerful Instructions – Most Single Clock Cycle Execution
– 16 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 12 MIPS Throughput at 12 MHz
Non-volatile Program and Data Memories
– 2K Bytes of In-System Programmable Flash Program Memory
– 128 Bytes Internal SRAM
– Flash Write/Erase Cycles: 10,000
– Data Retention: 20 Years at 85oC / 100 Years at 25oC
Peripheral Features
– One 8-bit Timer/Counter with Two PWM Channels
– One 16-bit Timer/Counter with Two PWM Channels
– 10-bit Analog to Digital Converter
• 8 Single-Ended Channels
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Master/Slave SPI Serial Interface
– Slave TWI Serial Interface
Special Microcontroller Features
– In-System Programmable
– External and Internal Interrupt Sources
– Low Power Idle, ADC Noise Reduction, Stand-by and Power-down Modes
– Enhanced Power-on Reset Circuit
– Internal Calibrated Oscillator
I/O and Packages
– 14-pin SOIC/TSSOP: 12 Programmable I/O Lines
– 15-pad UFBGA: 12 Programmable I/O Lines
– 20-pad QFN/MLF: 12 Programmable I/O Lines
Operating Voltage:
– 1.8 – 5.5V
Programming Voltage:
–5V
Speed Grade
– 0 – 4 MHz @ 1.8 – 5.5V
– 0 – 8 MHz @ 2.7 – 5.5V
– 0 – 12 MHz @ 4.5 – 5.5V
Industrial Temperature Range
Low Power Consumption
– Active Mode:
• 200 µA at 1 MHz and 1.8V
–Idle Mode:
• 25 µA at 1 MHz and 1.8V
– Power-down Mode:
• < 0.1 µA at 1.8V
8-bit
Microcontroller
with 2K Bytes
In-System
Programmable
Flash
ATtiny20
Preliminary
Summary
Rev. 8235AS–AVR–03/10


Similar Part No. - ATTINY20-MMHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY20-EK1 ATMEL-ATTINY20-EK1 Datasheet
4Mb / 220P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY20-MMHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com