Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY20-MMH Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY20-MMH
Description  8-bit Microcontroller with 2K Bytes In-System Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY20-MMH Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY20-MMH Datasheet HTML 1Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 2Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 3Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 4Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 5Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 6Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 7Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 8Page - ATMEL Corporation ATTINY20-MMH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
8235AS–AVR–03/10
ATtiny20
1. Pin Configurations
Figure 1-1.
Pinout of ATtiny20
1.1
Pin Description
1.1.1
VCC
Supply voltage.
1.1.2
GND
Ground.
Table 1-1.
UFBGA - Pinout ATtiny20.
12
34
A
PA5
PA6
PB2
B
PA4
PA7
PB1
PB3
C
PA3
PA2
PA1
PB0
D
PA0
GND
GND
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
(PCINT8/TPICLK/T0/CLKI) PB0
(PCINT9/TPIDATA/MOSI/SDA/OC1A) PB1
(PCINT11/RESET) PB3
(PCINT10/INT0/MISO/OC1B/OC0A/CKOUT) PB2
(PCINT7/SCL/SCK/T1/ICP1/OC0B/ADC7) PA7
(PCINT6/SS/ADC6) PA6
GND
PA0 (ADC0/PCINT0)
PA1 (ADC1/AIN0/PCINT1)
PA2 (ADC2/AIN1/PCINT2)
PA3 (ADC3/PCINT3)
PA4 (ADC4/PCINT4)
PA5 (ADC5/PCINT5)
SOIC/TSSOP
1
2
3
4
5
VQFN
15
14
13
12
11
NOTE
Bottom pad should be
soldered to ground.
DNC: Do Not Connect
PA7 (ADC7/OC0B/ICP1/T1/SCL/SCK/PCINT7)
PB2 (CKOUT/OC0A/OC1B/MISO/INT0/PCINT10)
PB3 (RESET/PCINT11)
PB1 (OC1A/SDA/MOSI/TPIDATA/PCINT9)
PB0 (CLKI/T0/TPICLK/PCINT8)
Pin 16: PA6 (ADC6/SS/PCINT6)
Pin 17: PA5 (ADC5/PCINT5)
(PCINT4/ADC4) PA4
(PCINT3/ADC3) PA3
(PCINT2/AIN1/ADC2) PA2
(PCINT1/AIN0/ADC1) PA1
(PCINT0/ADC0) PA0


Similar Part No. - ATTINY20-MMH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY20-EK1 ATMEL-ATTINY20-EK1 Datasheet
4Mb / 220P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY20-MMH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com